Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 68 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 68 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 64Page - GENESYS LOGIC GL848 Datasheet HTML 65Page - GENESYS LOGIC GL848 Datasheet HTML 66Page - GENESYS LOGIC GL848 Datasheet HTML 67Page - GENESYS LOGIC GL848 Datasheet HTML 68Page - GENESYS LOGIC GL848 Datasheet HTML 69Page - GENESYS LOGIC GL848 Datasheet HTML 70Page - GENESYS LOGIC GL848 Datasheet HTML 71Page - GENESYS LOGIC GL848 Datasheet HTML 72Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 68
7-0
G2UP [15:8]
Bit15~8 Registers setting for G -Channel EVEN image buffer end-address. Unit is
in 1k words
Offset EFh ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
G2UP7
G2UP6
G2UP5
G2UP4
G2UP3
G2UP2
G2UP1
G2UP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0
G2UP [7:0]
Bit7~0 Registers setting for G -Channel EVEN image buffer end-address. Unit is
in 1k words
Offset F0h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
B1DWN15 B1DWN14 B1DWN13 B1DWN12 B1DWN11 B1DWN10
B1DWN9
B1DWN8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0
B1DWN [15:8] Bit15~8 Registers setting for B-Channel ODD image buffer start-address. Unit is
in 1k words.
Offset F1h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
B1DWN7
B1DWN6
B1DWN5
B1DWN4
B1DWN3
B1DWN2
B1DWN1
B1DWN0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0
B1DWN [7:0]
Bit7~0 Registers setting for B-Channel ODD image buffer start-address. Unit is in
1k words.
Offset F2h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
B1UP15
B1UP14
B1UP13
B1UP12
B1UP11
B1UP10
B1UP9
B1UP8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0
B1UP[15:8]
Bit15~8 Registers setting for B-Channel ODD image buffer end-address. Unit is
in 1k words.
Offset F3h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
B1UP7
B1UP6
B1UP5
B1UP4
B1UP3
B1UP2
B1UP1
B1UP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0
B1UP [7:0]
Bit7~0 Registers setting for B-Channel ODD image buffer end-address. Unit is
in 1k words.
Offset F4h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com