Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 69 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 69 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 65Page - GENESYS LOGIC GL848 Datasheet HTML 66Page - GENESYS LOGIC GL848 Datasheet HTML 67Page - GENESYS LOGIC GL848 Datasheet HTML 68Page - GENESYS LOGIC GL848 Datasheet HTML 69Page - GENESYS LOGIC GL848 Datasheet HTML 70Page - GENESYS LOGIC GL848 Datasheet HTML 71Page - GENESYS LOGIC GL848 Datasheet HTML 72Page - GENESYS LOGIC GL848 Datasheet HTML 73Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 69
B2DWN15 B2DWN14 B2DWN13 B2DWN12 B2DWN11 B2DWN10
B2DWN9
B2DWN8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0
B2DWN [15:8] Bit15~8 Registers setting for B-Channel EVEN image buffer start-address. Unit is
in 1k words
Offset F5h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
B2DWN7
B2DWN6
B2DWN5
B2DWN4
B2DWN3
B2DWN2
B2DWN1
B2DWN0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0
B2DWN [7:0]
Bit7~0 Registers setting for B-Channel EVEN image buffer start-address. Unit is
in 1k words.
Offset F6h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
B2UP15
B2UP14
B2UP13
B2UP12
B2UP11
B2UP10
B2UP9
B2UP8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0
B2UP [15:8]
Bit15~8 Registers setting for B-Channel EVEN image buffer end-address. Unit is
in 1k words
Offset F7h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
B2UP7
B2UP6
B2UP5
B2UP4
B2UP3
B2UP2
B2UP1
B2UP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0
B2UP [7:0]
Bit7~0 Registers setting for B-Channel EVEN image buffer end-address. Unit is
in 1k words
Offset F8h ……..……..………………....………..…………..….………..…..…. Default value = 8’h00
MAXSEL3 MAXSEL2 MAXSEL1 MAXSEL0
MINSEL3
MINSEL2
MINSEL1
MINSEL0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-4
MAXSEL [3:0]
Define bank number of image buffer for buffer-full (for MAXWD)
3-0
MINSEL [3:0]
Define bank number of image buffer for buffer-empty
MAXSEL/MINSEL :
0
r_odd
1
r_even
2
g_odd
3
g_even
4
b_odd
5
b_even
Offset FDh
MAINTSK3 MAINTSK2 MAINTSK1 MAINTSK0 SUBTSK3
SUBTSK2
SUBTSK1
SUBTSK0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com