Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 10 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 10 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 6Page - GENESYS LOGIC GL848 Datasheet HTML 7Page - GENESYS LOGIC GL848 Datasheet HTML 8Page - GENESYS LOGIC GL848 Datasheet HTML 9Page - GENESYS LOGIC GL848 Datasheet HTML 10Page - GENESYS LOGIC GL848 Datasheet HTML 11Page - GENESYS LOGIC GL848 Datasheet HTML 12Page - GENESYS LOGIC GL848 Datasheet HTML 13Page - GENESYS LOGIC GL848 Datasheet HTML 14Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 10
3.2 Pin List
Table 3.1 – 128 Pin List
Pin#
Pin Name
Type Pin#
Pin Name
Type Pin#
Pin Name
Type Pin#
Pin Name
Type
1
DBUS15
I/O
33 ABUS2
O
65 OP7
I
97 GPIO8
I/O
2
DBUS14
I/O
34 ABUS1
O
66 OP6
I
98 GPIO9
I/O
3
DBUS13
I/O
35 ABUS0
O
67 OP5
I
99 GPIO10
I/O
4
DBUS12
I/O
36 CS1
O
68 OP4
I
100 GPIO11
I/O
5
DBUS11
I/O
37 CS0
O
69 OP3
I
101 GPIO13
I/O
6
DBUS10
I/O
38 RASJ
O
70 OP2
I
102 GPIO12
I/O
7
DBUS9
I/O
39 WEJ
O
71 OP1
I
103 VccIO6
I/O
8
DBUS8
I/O
40 CASJ
O
72 OP0
I
104 GndIO6
I/O
9
VccIO1
P
41 BANK0
O
73 VccIO5
P
105 GPIO14
P
10 GndIO1
P
42 BANK1
O
74 GndIO5
P
106 GPIO15
P
11 DBUS7
I/O
43 CKE
O
75 MCLK
O
107 GPIO16
I/O
12 DBUS6
I/O
44 DRAMCLK
O
76 BSMP
O
108 GPIO17
I/O
13 DBUS5
I/O
45 VccIO3
P
77 VSMP
O
109 GPIO18
I/O
14 DBUS4
I/O
46 GndIO3
P
78 SCLK
O
110 GPIO19
I/O
15 DBUS3
I/O
47 ADF_SENR
I/O
79 SEN
O
111 GPIO20
I/O
16 DBUS2
I/O
48 HOME
I
80 SDI
O
112 GPIO21
I/O
17 DBUS1
I/O
49 LED_B
O
81 SDO
O
113 VccCore4
I/O
18 DBUS0
I/O
50 XPA_SW
O
82 MT_PH0
O
114 GndCore4
I/O
19 VccCore1
P
51 VccCore2
P
83 MT_PH1
O
115 EXTRST_
P
20 GndCore1
P
52 GndCore2
P
84 MT_PH2
O
116 X1
P
21 ABUS12
O
53 LAMP_SW
O
85 VccCore3
P
117 X2
O
22 ABUS11
O
54 CCD_TGB
O
86 GndCore3
P
118 DVCC1
I
23 ABUS10
O
55 CCD_TGG
O
87 MT_PH3
O
119 DGND2
O
24 ABUS9
O
56 VccIO4
P
88 MT_PH4
O
120 VBUS
P
25 ABUS8
O
57 GndIO4
P
89 MT_PH5
O
121 AGND3
P
26 ABUS7
O
58 CCD_CK4X
O
90 GPIO1
O
122 AVDD3
P
27 ABUS6
O
59 CCD_CK2X
O
91 GPIO2
O
123 DM
P
28 VccIO2
P
60 CCD_RSX
O
92 GPIO3
I/O
124 DP
I/O
29 GndIO2
P
61 CCD_CK3X
O
93 GPIO4
I/O
125 AGND2
I/O
30 ABUS5
O
62 CCD_CPX
O
94 GPIO5
I/O
126 RREF
P
31 ABUS4
O
63 CCD_CK1X
O
95 GPIO6
I/O
127 AVDD1
I/O
32 ABUS3
O
64 CCD_TGX
O
96 GPIO7
I/O
128 AVDD2
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com