Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 53 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 53 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 49Page - GENESYS LOGIC GL848 Datasheet HTML 50Page - GENESYS LOGIC GL848 Datasheet HTML 51Page - GENESYS LOGIC GL848 Datasheet HTML 52Page - GENESYS LOGIC GL848 Datasheet HTML 53Page - GENESYS LOGIC GL848 Datasheet HTML 54Page - GENESYS LOGIC GL848 Datasheet HTML 55Page - GENESYS LOGIC GL848 Datasheet HTML 56Page - GENESYS LOGIC GL848 Datasheet HTML 57Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 53
7-6 VRHOME[1:0] Vref. of the motor driver IC for go-home moving.
5-4 VRMOVE[1:0] Vref. of the motor driver IC for fast forward moving.
3-2 VRBACK[1:0] Vref. of the motor driver IC for backward moving when the image buffer is full.
1-0 VRSCAN[1:0]
Vref. of the motor driver IC forward scanning moving.
Offset 81h ……..……..……..…………..………..…………..….………..…..…. Default value = 8’h00
X
X
X
X
X
X
X
ROFFSET8
X
X
X
X
X
X
X
R/W
7-1
RESERVED
-
0
ROFFSET
[8]
R channel offset of the AFE for CIS color scanning
Offset 82h ……..……..……..…………..………..…………..….………..…..…. Default value = 8’h00
ROFFSET7
ROFFSET6
ROFFSET5
ROFFSET4
ROFFSET3
ROFFSET2
ROFFSET1
ROFFSET0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
ROFFSET
[7:0] R channel offset of the AFE for CIS color scanning
Offset 83h ……..……..……..…………..………..…………..….………..…..…. Default value = 8’h00
X
X
X
X
X
X
X
GOFFSET8
X
X
X
X
X
X
X
R/W
7-1
RESERVED
-
0
GOFFSET
[8]
G channel offset of the AFE for CIS color scanning
Offset 84h ……..……..……..…………..………..…………..….………..…..…. Default value = 8’h00
GOFFSET7
GOFFSET6
GOFFSET5
GOFFSET4
GOFFSET3
GOFFSET2
GOFFSET1
GOFFSET0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
GOFFSET
[7:0] G channel offset of the AFE for CIS color scanning
Offset 85h ……..……..……..…………..………..…………..….………..…..…. Default value = 8’h00
X
X
X
X
X
X
X
BOFFSET8
X
X
X
X
X
X
X
R/W
7-1
RESERVED
-
0
BOFFSET
[8]
Bchannel offset of the AFE for CIS color scanning
Offset 86h ……..……..……..…………..………..…………..….………..…..…. Default value = 8’h00
BOFFSET7
BOFFSET6
BOFFSET5
BOFFSET4
BOFFSET3
BOFFSET2
BOFFSET1
BOFFSET0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7
BOFFSET
[7:0] B channel offset of the AFE for CIS color scanning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com