Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 36 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 36 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 32Page - GENESYS LOGIC GL848 Datasheet HTML 33Page - GENESYS LOGIC GL848 Datasheet HTML 34Page - GENESYS LOGIC GL848 Datasheet HTML 35Page - GENESYS LOGIC GL848 Datasheet HTML 36Page - GENESYS LOGIC GL848 Datasheet HTML 37Page - GENESYS LOGIC GL848 Datasheet HTML 38Page - GENESYS LOGIC GL848 Datasheet HTML 39Page - GENESYS LOGIC GL848 Datasheet HTML 40Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 36
CCD TG
CCD clock
CCD pixel no: N-1
N
0
1
2
3
4
For example, start pixel is 65 ,end pixel is 100 and CCD dummy pixel is 64,
Then STRPIXEL = (TGW+2*TGSHLD) + 65.
ENDPIXEL= (TGW+2*TGSHLD) + 100.
DUMMY = (TGW+2*TGSHLD) + 64.
Offset 35h ……..…..……………………..………..….………..….…..…….…. Default value = 8’h00
MAXWD25 MAXWD24 MAXWD23 MAXWD22 MAXWD21 MAXWD20 MAXWD19 MAXWD18
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 MAXWD [25:18] Maximum word size per line for ASIC estimation. The unit is 4 words.
If available buffer size < MAXWD, then “buffer full” state will be set. The
scanner execute backtracking.
Offset 36h …….……..……………………..………..….………..….…..…….…. Default value = 8’h00
MAXWD17 MAXWD16 MAXWD15 MAXWD14 MAXWD13 MAXWD12 MAXWD11 MAXWD10
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 MAXWD [17:10]
Maximum word size per line for ASIC estimation. The unit is 4 words.
If available buffer size < MAXWD, then “buffer full” state will be set. The
scanner execute backtracking.
Offset 37h …….……..……………………..………..….………..….…..…….…. Default value = 8’h00
MAXWD9 MAXWD8 MAXWD7 MAXWD6 MAXWD5 MAXWD4 MAXWD3 MAXWD2
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 MAXWD [9:2] Maximum word size per line for ASIC estimation. The unit is 4 words.
If available buffer size < MAXWD, then “buffer full” state will be set. The
scanner execute backtracking.
Offset 38h …….……..……………………..………..….………..….……..……. Default value = 8’h2A
LPERIOD15 LPERIOD14 LPERIOD13 LPERIOD12 LPERIOD11 LPERIOD10
LPERIOD9 LPERIOD8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 LPERIOD [15:8] Line period (or exposure time) for CCD or CIS.
Unit : pixel count
Note: It cannot be programmed to logic zero.
Offset 39h ……….…..……………………..………..….………..………………. Default value = 8’h30
LPERIOD7 LPERIOD6 LPERIOD5 LPERIOD4 LPERIOD3 LPERIOD2 LPERIOD1 LPERIOD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com