Electronic Components Datasheet Search
  English  ▼

X  

GL848 Datasheet(PDF) 27 Page - GENESYS LOGIC

Part # GL848
Description  High Speed USB 2.0
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENESYS [GENESYS LOGIC]
Direct Link  http://www.genesyslogic.com
Logo GENESYS - GENESYS LOGIC

GL848 Datasheet(HTML) 27 Page - GENESYS LOGIC

Back Button GL848 Datasheet HTML 23Page - GENESYS LOGIC GL848 Datasheet HTML 24Page - GENESYS LOGIC GL848 Datasheet HTML 25Page - GENESYS LOGIC GL848 Datasheet HTML 26Page - GENESYS LOGIC GL848 Datasheet HTML 27Page - GENESYS LOGIC GL848 Datasheet HTML 28Page - GENESYS LOGIC GL848 Datasheet HTML 29Page - GENESYS LOGIC GL848 Datasheet HTML 30Page - GENESYS LOGIC GL848 Datasheet HTML 31Page - GENESYS LOGIC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 85 page
background image
GL848 High Speed USB2.0 2-in-1 Scanner Controller With Fast ADF
©2000-2007 Genesys Logic Inc. - All rights reserved.
Page 27
Offset 11h …………………………………………..…………..……..…………. Default value = 8’h00
EXPR7
EXPR6
EXPR5
EXPR4
EXPR3
EXPR2
EXPR1
EXPR0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 EXPR [7:0]
Exposure time setting (in pixel time) for Red-LED of CIS or Red channel of CCD.
Note: It cannot be programmed to logic zero.
Offset 12h …………………………………………..…………..……..…………. Default value = 8’h00
EXPG15
EXPG14
EXPG13
EXPG12
EXPG11
EXPG10
EXPG9
EXPG8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 EXPG [15:8]
Exposure time setting (in pixel time) for Green-LED of CIS or Red channel of CCD.
Note: It cannot be programmed to logic zero.
Offset 13h …………………………………………..…………..……..…………. Default value = 8’h00
EXPG7
EXPG6
EXPG5
EXPG4
EXPG3
EXPG2
EXPG1
EXPG0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 EXPG [7:0]
Exposure time setting (in pixel time) for Green-LED of CIS or Red channel of CCD.
Note: It cannot be programmed to logic zero.
Offset 14h …………………………………………..…………..……..…………. Default value = 8’h00
EXPB15
EXPB14
EXPB13
EXPB12
EXPB11
EXPB10
EXPB9
EXPB8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 EXPB [15:8]
Exposure time setting (in pixel time) for Blue-LED of CIS or Red channel of CCD.
Note: It cannot be programmed to logic zero.
Offset 15h …………………………………………..…………..……..…………. Default value = 8’h00
EXPB7
EXPB6
EXPB5
EXPB4
EXPB3
EXPB2
EXPB1
EXPB0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7-0 EXPB [7:0]
Exposure time setting (in pixel time) for Blue-LED of CIS or Red channel of CCD.
Note: It cannot be programmed to logic zero.
Offset 16h ……………………………………………..…………..……..………. Default value = 8’h32
CTRLHI
TOSHIBA
TGINV
CK1INV
CK2INV
CTRLINV
CKDIS
CTRLDIS
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
7 CTRLHI
0
CCD CP & RS will be low when TG goes high.
1
CCD CP & RS will be high when TG goes high.
6 TOSHIBA
0
Not TOSHIBA CIS.
1
To indicate the image sensor is TOSHIBA CIS.
5 TGINV
0
Don’t reverse.
1
To reverse CCD TG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com