Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 98Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 99Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 100Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 101Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 102Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 103Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 104Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 105Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
102
Freescale Semiconductor
Package Description
18.3
Pinout Listings
Table 75 provides the preliminary pin-out listing for the MPC8572E 1023 FC-PBGA package. This table
is included for preliminary information purposes only.
Table 75. MPC8572E Pinout Listing
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes
DDR SDRAM Memory Interface 1
D1_MDQ[0:63]
Data
D15, A14, B12, D12,
A15, B15, B13, C13,
C11, D11, D9, A8, A12,
A11, A9, B9, F11, G12,
K11, K12, E10, E9,
J11, J10, G8, H10, L10,
M11, F10, G9, K9, K8,
AC6, AC7, AG8, AH9,
AB6, AB8, AE9, AF9,
AL8, AM8, AM10,
AK11, AH8, AK8, AJ10,
AK10, AL12, AJ12,
AL14, AK14, AL11,
AM11, AK13, AM14,
AM15, AJ16, AL18,
AM18, AJ15, AL15,
AK17, AM17
I/O
GVDD
—
D1_MECC[0:7]
Error Correcting Code
M10, M7, R8, T11, L12,
L11, P9, R10
I/O
GVDD
—
D1_MAPAR_ERR
Address Parity Error
P6
I
GVDD
—
D1_MAPAR_OUT
Address Parity Out
W6
O
GVDD
—
D1_MDM[0:8]
Data Mask
C14, A10, G11, H9,
AD7, AJ9, AM12,
AK16, N11
OGVDD
—
D1_MDQS[0:8]
Data Strobe
A13, C10, H12, J7,
AE8, AM9, AM13,
AL17, N9
I/O
GVDD
—
D1_MDQS[0:8]
Data Strobe
D14, B10, H13, J8,
AD8, AL9, AJ13,
AM16, P10
I/O
GVDD
—
D1_MA[0:15]
Address
Y7, W8, U6, W9, U7,
V8, Y11, V10, T6, V11,
AA10, U9, U10, AD11,
T8, P7
OGVDD
—
D1_MBA[0:2]
Bank Select
AA7, AA8, R7
O
GVDD
—
D1_MWE
Write Enable
AC12
O
GVDD
—
D1_MCAS
Column Address Strobe
AC9
O
GVDD
—
D1_MRAS
Row Address Strobe
AB12
O
GVDD
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com