Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 104 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 104 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 100Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 101Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 102Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 103Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 104Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 105Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 106Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 107Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 108Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
104
Freescale Semiconductor
Package Description
D2_MRAS
Row Address Strobe
AA1
O
GVDD
—
D2_MCKE[0:3]
Clock Enable
L3, L1, K1, K2
O
GVDD
11
D2_MCS[0:3]
Chip Select
AB1, AG2, AC1, AH2
O
GVDD
—
D2_MCK[0:5]
Clock
V4, F7, AJ3, V2, E7,
AG4
OGVDD
—
D2_MCK[0:5]
Clock Complements
V1, F8, AJ4, U1, E6,
AG5
OGVDD
—
D2_MODT[0:3]
On Die Termination
AE1, AG1, AE2, AH1
O
GVDD
—
D2_MDIC[0:1]
Driver Impedance Calibration
F1, G1
I/O
GVDD
25
Local Bus Controller Interface
LAD[0:31]
Muxed Data/Address
M22, L22, F22, G22,
F21, G21, E20, H22,
K22, K21, H19, J20,
J19, L20, M20, M19,
E22, E21, L19, K19,
G19, H18, E18, G18,
J17, K17, K14, J15,
H16, J14, H15, G15
I/O
BVDD
34
LDP[0:3]
Data Parity
M21, D22, A24, E17
I/O
BVDD
—
LA[27]
Burst Address
J21
O
BVDD
5, 9
LA[28:31]
Port Address
F20, K18, H20, G17
O
BVDD
5, 7, 9
LCS[0:4]
Chip Selects
B23, E16, D20, B25,
A22
OBVDD
10
LCS[5]/DMA2_DREQ[1]
Chip Selects / DMA Request
D19
I/O
BVDD
1, 10
LCS[6]/DMA2_DACK[1]
Chip Selects / DMA Ack
E19
O
BVDD
1, 10
LCS[7]/DMA2_DDONE[1]
Chip Selects / DMA Done
C21
O
BVDD
1, 10
LWE[0]/LBS[0]/LFWE
Write Enable / Byte Select
D17
O
BVDD
5, 9
LWE[1]/LBS[1]
Write Enable / Byte Select
F15
O
BVDD
5, 9
LWE[2]/LBS[2]
Write Enable / Byte Select
B24
O
BVDD
5, 9
LWE[3]/LBS[3]
Write Enable / Byte Select
D18
O
BVDD
5, 9
LALE
Address Latch Enable
F19
O
BVDD
5, 8, 9
LBCTL
Buffer Control
L18
O
BVDD
5, 8, 9
LGPL0/LFCLE
UPM General Purpose Line 0 /
Flash Command Latch Enable
J13
O
BVDD
5, 9
LGPL1/LFALE
UPM General Purpose Line 1/
Flash Address Latch Enable
J16
O
BVDD
5, 9
Table 75. MPC8572E Pinout Listing (continued)
Signal
Signal Name
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com