Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 132 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 132 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 128Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 129Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 130Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 131Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 132Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 133Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 134Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 135Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 136Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
132
Freescale Semiconductor
System Design Information
Figure 66. JTAG Interface Connection
HRESET
From Target
Board Sources
COP_HRESET
13
COP_SRESET
SRESET
NC
11
COP_VDD_SENSE2
6
15
10
Ω
10 k
Ω
10 k
Ω
COP_CHKSTP_IN
CKSTP_IN0
8
COP_TMS
COP_TDO
COP_TDI
COP_TCK
TMS
TDO
TDI
9
1
3
4
COP_TRST
7
16
2
10
12
(if any)
14 3
Notes:
10 k
Ω
TRST1
10 k
Ω
10 k
Ω
10 k
Ω
CKSTP_OUT0
COP_CHKSTP_OUT
3
13
9
5
1
6
10
15
11
7
16
12
8
4
KEY
No pin
COP Connector
Physical Pinout
1
2
NC
SRESET
2. Populate this with a 10
Ω resistor for short-circuit/current-limiting protection.
NC
OVDD
10 k
Ω
HRESET1
to fully control the processor as shown here.
1. The COP port and target board should be able to independently assert HRESET and TRST to the processor
signal integrity.
TCK
4
5
5.This switch is included as a precaution for BSDL testing. The switch should be closed to position A during BSDL testing
to position B.
10 k
Ω
6
6. Asserting SRESET causes a machine check interrupt to the e500 cores.
3. The KEY location (pin 14) is not physically present on the COP header.
4. Although pin 12 is defined as a No-Connect, some debug tools may use pin 12 as an additional GND pin for improved
to avoid accidentally asserting the TRST line. If BSDL testing is not being performed, this switch should be closed
A
B
5
10 k
Ω
CKSTP_OUT1
CKSTP_IN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com