Electronic Components Datasheet Search
  English  ▼

X  

PPC8572CPXATLD Datasheet(PDF) 136 Page - Freescale Semiconductor, Inc

Part # PPC8572CPXATLD
Description  MPC8572E PowerQUICC III Integrated Processor Hardware Specifications
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC8572CPXATLD Datasheet(HTML) 136 Page - Freescale Semiconductor, Inc

Back Button PPC8572CPXATLD Datasheet HTML 132Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 133Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 134Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 135Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 136Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 137Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 138Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 139Page - Freescale Semiconductor, Inc PPC8572CPXATLD Datasheet HTML 140Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 136 / 140 page
background image
MPC8572E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 4
136
Freescale Semiconductor
Ordering Information
22.2
Part Marking
Parts are marked as the example shown in Figure 67.
Figure 67. Part Marking for FC-PBGA Device
Table 86. Part Numbering Nomenclature - Rev 1.1.1
MPC
nnnn
e
t
pp
ffm
r
Product
Code1
1 MPC stands for “Qualified.”
Part
Identifier
Security Engine
Temperature
Package2
2 See Section 18, “Package Description,” for more information on the available package types.
Processor Frequency/
DDR Datarate3
3 Processor core frequencies supported by parts addressed by this specification only. Not all parts described in this
specification support all core frequencies. Additionally, parts addressed by part number specifications may support
other maximum core frequencies.
Silicon
Revision
MPC
PPC
8572
E = Included
Blank=0 to 105°C
C= –40 to 105°C
PX = Leaded,
FC-PBGA
VT = Pb Free,
FC-PBGA
AVN =
1500 MHz Pocessor;
800 MT/s DDR datarate
AUL =
1333 MHz Processor;
667 MT/s DDR datarate
ATL =
1200 MHz Processor;
667 MT/s DDR datarate
ARL =
1067 MHz Processor;
667 MT/s DDR datarate
B = Ver. 1.1.1
(SVR =
0x80E8_0011)
SEC included
Blank = Not
included
B = Ver. 1.1.1
(SVR =
0x80E0_0011)
SEC not
included
Notes:
MMMMM CCCCC
ATWLYYWW
Notes:
CCCCC is the country of assembly. This space is left blank if parts are assembled in the United States.
MMMMM is the 5-digit mask number.
ATWLYYWW is the traceability code.
FC-PBGA
MPC8572xxxxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com