Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 18Page - Texas Instruments TUSB7320 Datasheet HTML 19Page - Texas Instruments TUSB7320 Datasheet HTML 20Page - Texas Instruments TUSB7320 Datasheet HTML 21Page - Texas Instruments TUSB7320 Datasheet HTML 22Page - Texas Instruments TUSB7320 Datasheet HTML 23Page - Texas Instruments TUSB7320 Datasheet HTML 24Page - Texas Instruments TUSB7320 Datasheet HTML 25Page - Texas Instruments TUSB7320 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 115 page
background image
VDD11
VDDA_3P3
and VDD33
PCIE_REFCLK
PERST#
TUSB7320, TUSB7340
SLLSE76J – MARCH 2011 – REVISED MAY 2012
www.ti.com
3.1.2
Power-Down Sequence
1. Assert PERST# to the device.
2. Remove the reference clock.
3. Remove the 3.3-V and 1.1-V voltages
See the power power-down sequencing diagram in Figure 3-2. If the VDD33_AUX terminal is to remain
powered after a system shutdown, then the host controller power-down sequence is exactly the same as
shown in Figure 3-2.
Figure 3-2. Power-Down Sequence
3.2
Two-Wire Serial-Bus Interface
The host controller provides a two-wire serial-bus interface to load subsystem identification information
and specific register defaults from an external EEPROM. The serial-bus interface signals include SDA and
SCL. The use of an external EEPROM is optional. The TUSB73x0 will function with the default settings.
For motherboard down applications, BIOS can be used to set all of the options available on the
TUSB73x0.
On a PCIe Add-in Card, an EEPROM is only needed if a any of the following is true:
•
Use of a crystal other than 48 MHz.
•
Mark one or more USB ports as non-removable.
•
Disable one or more USB ports.
•
Set a PCIe Subsystem ID and Subsystem Vendor ID.
•
Change the default de-emphasis/swing/equalizer settings of the SuperSpeed USB ports.
•
Change the default L0s and L1 latency values for PCIe.
•
Change the default PWRON polarity to active high instead of active low.
3.2.1
Serial-Bus Interface Implementation
To enable the serial-bus interface, a pull-up resistor must be implemented on the SCL signal. At the rising
edge of PERST# or GRST#, whichever occurs later in time, the SCL terminal is checked for a pull-up
resistor. If one is detected, then bit 3 (SBDETECT) in the serial-bus control and status register (see
Section 4.52) is set. Software may disable the serial-bus interface at any time by writing a 0b to the
SBDETECT bit. If no external EEPROM is required, then the serial-bus interface is permanently disabled
by attaching a pulldown resistor to the SCL signal.
22
FEATURE/PROTOCOL DESCRIPTIONS
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com