Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 25Page - Texas Instruments TUSB7320 Datasheet HTML 26Page - Texas Instruments TUSB7320 Datasheet HTML 27Page - Texas Instruments TUSB7320 Datasheet HTML 28Page - Texas Instruments TUSB7320 Datasheet HTML 29Page - Texas Instruments TUSB7320 Datasheet HTML 30Page - Texas Instruments TUSB7320 Datasheet HTML 31Page - Texas Instruments TUSB7320 Datasheet HTML 32Page - Texas Instruments TUSB7320 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 115 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76J – MARCH 2011 – REVISED MAY 2012
Table 4-1. PCI Configuration Register Map (continued)
MSI-X Message Control
Next Item Pointer
MSI-X CAP ID
0C0h
MSI-X Table Offset and BIR
0C4h
MSI-X PBA Offset and BIR
0C8h
Reserved
0CCh
Subsystem Access
0D0h
General Control 0
0D4h
General Control 1
0D8h
General Control 2
0DCh
USB Control
0E0h
Deemphasis and Swing Control
0E4h
Equalizer Control
0E8h
Custom PHY Transmit/Receive Control
0ECh
Reserved
0F0h-0FCh
4.2
Vendor ID Register
This 16-bit read only register contains the value 104Ch, which is the vendor ID assigned to Texas
Instruments.
PCI register offset: 00h
Register type: Read-only
Default value: 104Ch
Table 4-2. PCI Register 00h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
1
0
0
0
0
0
1
0
0
1
1
0
0
State
4.3
Device ID Register
This 16-bit read only register contains the value 8241h, which is the device ID assigned by TI to the
TUSB73X0.
PCI register offset: 02h
Register type: Read-only
Default value: 8241h
Table 4-3. PCI Register 02h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
1
0
0
0
0
0
1
0
0
1
0
0
0
0
0
1
State
Copyright © 2011–2012, Texas Instruments Incorporated
CLASSIC PCI CONFIGURATION SPACE
29
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com