Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 93 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 89Page - Texas Instruments TUSB7320 Datasheet HTML 90Page - Texas Instruments TUSB7320 Datasheet HTML 91Page - Texas Instruments TUSB7320 Datasheet HTML 92Page - Texas Instruments TUSB7320 Datasheet HTML 93Page - Texas Instruments TUSB7320 Datasheet HTML 94Page - Texas Instruments TUSB7320 Datasheet HTML 95Page - Texas Instruments TUSB7320 Datasheet HTML 96Page - Texas Instruments TUSB7320 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 115 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76J – MARCH 2011 – REVISED MAY 2012
Table 6-58. USB Legacy Support Control/Status Register Description (continued)
13
SMI_OS_EN
rw
SMI on OS Ownership Enable.
12:5
RSVD
r
Reserved. Returns zeros when read.
4
SMI_HOST_SYS_ERR_EN
rw
SMI on Host System Error Enable.
3:1
RSVD
r
Reserved. Returns zeros when read.
0
USB_SMI_EN
rw
USB SMI Enable.
6.6.3
xHCI Supported Protocol Capability Register (USB 2.0)
This register indicates that the Supported Protocol Capability is for USB 2.0.
xHCI Extended Capabilities Base register offset:10h
Register type:Read-Only
Default value: 0200 0402h
Table 6-59. xHCI Extended Capabilities Register (xHCI Extended Capabilities Base + 10h)
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
1
0
0
0
0
0
0
0
0
1
0
State
Table 6-60. xHCI Supported Protocol Capability Register (USB 2.0) Description
Bit
Field Name
Access
Description
Major Revision. This field is 02h, since this Supported Protocol Capability
31:24
MAJOR_REV
r
is for release 2.0 of the USB specification.
Minor Revision. This field is 00h, since this Supported Protocol Capability
23:16
MINOR_REV
r
is for release 2.0 of the USB specification.
Next Capability Pointer. This field is 04h, indicating that the xHCI
15:8
NEXT_CAP
r
Supported Protocol Capability for USB 3.0 starts at offset 20h from the
xHCI Extended Capabilities Base.
Capability ID. This field is 02h, identifying this capability as a Supported
7:0
CAPABILITY_ID
r
Protocol Capability.
6.6.4
xHCI Supported Protocol Name String Register (USB 2.0)
This read only register is set to 2042 5355h, indicating that the Supported Protocol Capability is for USB
2.0.
xHCI Extended Capabilities Base register offset:14h
Register type:Read-Only
Default value: 2042 5355h
Copyright © 2011–2012, Texas Instruments Incorporated
xHCI MEMORY MAPPED REGISTER SPACE
93
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com