Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 8Page - Texas Instruments TUSB7320 Datasheet HTML 9Page - Texas Instruments TUSB7320 Datasheet HTML 10Page - Texas Instruments TUSB7320 Datasheet HTML 11Page - Texas Instruments TUSB7320 Datasheet HTML 12Page - Texas Instruments TUSB7320 Datasheet HTML 13Page - Texas Instruments TUSB7320 Datasheet HTML 14Page - Texas Instruments TUSB7320 Datasheet HTML 15Page - Texas Instruments TUSB7320 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 115 page
background image
TUSB7320, TUSB7340
SLLSE76J – MARCH 2011 – REVISED MAY 2012
www.ti.com
USB 3.0 xHCI HOST CONTROLLER
Check for Samples: TUSB7320, TUSB7340
1
INTRODUCTION
1.1
Features
1
• USB 3.0 Compliant xHCI Host Controller
– PCIe x1 Gen2 Interface
– Four Downstream Ports
• Two or Four Downstream Ports
• Each Downstream Port
– May Be Independently Enabled or Disabled
– Has Adjustments for Transmit Swing, De-Emphasis, and Equalization Settings
– May Be Marked as Removable/Non-Removable
– Has Independent Power Control and Overcurrent Detection
• Requires No External Flash for Default Configuration
– Optional Serial EEPROM for Custom Configuration
• Internal Spread Spectrum Generation
– Low Cost Crystal or Oscillator Support
• Supports Input Frequencies Between 20 MHz and 50 MHz
– Allows Use of 48-MHz System Reference Clock
• Best-In-Class Adaptive Receiver Equalizer Design
1.2
Target Applications
•
Notebooks
•
Desktop Computers
•
Workstations
•
Servers
•
Add-In Cards and ExpressCard Implementations
•
PCI Express-Based Embedded Host Controllers for HDTVs, Set-Top Boxes and Gaming Console
Applications
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2011–2012, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com