Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 51 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 47Page - Texas Instruments TUSB7320 Datasheet HTML 48Page - Texas Instruments TUSB7320 Datasheet HTML 49Page - Texas Instruments TUSB7320 Datasheet HTML 50Page - Texas Instruments TUSB7320 Datasheet HTML 51Page - Texas Instruments TUSB7320 Datasheet HTML 52Page - Texas Instruments TUSB7320 Datasheet HTML 53Page - Texas Instruments TUSB7320 Datasheet HTML 54Page - Texas Instruments TUSB7320 Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 115 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76J – MARCH 2011 – REVISED MAY 2012
Table 4-70. Link Control 2 Register Description
Bit
Field Name
Access
Description
15:13
RSVD
r
Reserved. Returns zeros when read.
Compliance De-Emphasis. This bit is sticky and is only reset by a Global
12
COMPLIANCE_DEEMPH*
rw
Reset.
11
COMPLIANCE_SOS*
rw
Compliance SOS. This bit is sticky and is only reset by a Global Reset.
Enter Modified Compliance. This bit is sticky and is only reset by a
10
ENT_MOD_COMPLIANCE*
rw
Global Reset.
9:7
TRANSMIT_MARGIN*
rw
Transmit Margin. This bit is sticky and is only reset by a Global Reset.
6
SEL_DEEMPH
r
Selectable De-Emphasis. This bit has no function and is read only zero.
Hardware Autonomous Speed Disable. This bit is read only zero since
5
HW_AUTO_SPEED_DIS
r
this function is not supported.
4
ENTER_COMPL*
rw
Enter Compliance. This bit is sticky and is only reset by a Global Reset.
3:0
TGT_LINK_SPEED*
rw
Target Link Speed. This bit is sticky and is only reset by a Global Reset.
4.48 Link Status 2 Register
The Link Status 2 Register indicates current state of the PCI Express Link.
PCI register offset: A2h
Register type:Read-only
Default value: 000xh
Table 4-71. PCI Register A2h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
x
State
Table 4-72. Link Status 2 Register Description
Bit
Field Name
Access
Description
15:1
RSVD
r
Reserved. Returns zeros when read.
0
DEEMPH_LEVEL
r
Current De-Emphasis Level.
4.49 Serial Bus Data Register
The Serial Bus Data register is used to read and write data on the serial bus interface. When writing data
to the serial bus, this register must be written before writing to the Serial Bus Address register to initiate
the cycle. When reading data from the serial bus, this register will contain the data read after the
REQBUSY (bit 5 Serial Bus Control Register) bit is cleared. This register is reset by a PCI Express reset
(PERST#), a GRST#, or the internally-generated power-on reset.
PCI register offset: B0h
Register type:Read/Write
Default value: 00h
Table 4-73. PCI Register B0h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Copyright © 2011–2012, Texas Instruments Incorporated
CLASSIC PCI CONFIGURATION SPACE
51
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com