Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 44Page - Texas Instruments TUSB7320 Datasheet HTML 45Page - Texas Instruments TUSB7320 Datasheet HTML 46Page - Texas Instruments TUSB7320 Datasheet HTML 47Page - Texas Instruments TUSB7320 Datasheet HTML 48Page - Texas Instruments TUSB7320 Datasheet HTML 49Page - Texas Instruments TUSB7320 Datasheet HTML 50Page - Texas Instruments TUSB7320 Datasheet HTML 51Page - Texas Instruments TUSB7320 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 115 page
background image
TUSB7320, TUSB7340
SLLSE76J – MARCH 2011 – REVISED MAY 2012
www.ti.com
Table 4-60. Link Capabilities Register Description (continued)
Clock Power Management. This bit is hardwired to 1 to indicate that the
18
CLK_PM
r
TUSB73X0 supports Clock Power Management through the CLKREQ#
protocol.
L1 Exit Latency. This field indicates the time that it takes to transition
from the L1 state to the L0 state. The value reported by this field is
17:15
L1_LATENCY
r
determined by either the L1_EXIT_LAT_ASYNC field or the
L1_EXIT_LAT_COMMON field in the General Control Register 0.
L0s Exit Latency. This field indicates the time that it takes to transition
from the L0s state to the L0 state. The value reported by this field is
14:12
L0S_LATENCY
r
determined by either the L0s_EXIT_LAT_ASYNC field or the
L0s_EXIT_LAT_COMMON field in the General Control Register 0.
Active State Link PM Support. This field indicates the level of active state
power management that the TUSB73X0 supports. The value 11b
11:10
ASLPMS
r
indicates support for both L0s and L1 through active state power
management.
Maximum Link Width. This field is encoded 000001b to indicate that the
9:4
MLW
r
TUSB73X0 only supports a 1x PCI Express link.
Maximum Link Speed. This field is encoded 0010b to indicate that the
3:0
MLS
r
TUSB73X0 supports link speeds of 5 Gb/s and 2.5 Gb/s.
4.43 Link Control Register
The Link Control Register indicates is used to control link specific behavior.
PCI register offset: 80h
Register type:Read-only, Read/Write
Default value: 0000h
Table 4-61. PCI Register 80h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Table 4-62. Link Control Register Description
Bit
Field Name
Access
Description
15:9
RSVD
r
Reserved. Returns zeros when read.
8
EN_CPM
rw
Enable Clock Power Management.
7
ES
rw
Extended Synch.
Common Clock Configuration. This bit is set when a common clock is
provided to both ends of the PCI Express link. This bit is also used to
select the L0s exit latency and L1 exit latency.
0 – Reference clock is asynchronous (L0s exit latency and L1 exit
6
CCC
rw
latency based on the L0s_EXIT_LAT_ASYNC and
L1_EXIT_LAT_ASYNC fields in the General Control Register 0)
1 – Reference clock is synchronous (L0s exit latency and L1 exit latency
based on the L0s_EXIT_LAT_COMMON and L1_EXIT_LAT_COMMON
fields in the General Control Register 0)
5
RL
r
Retrain Link. This bit has no function and is read only zero.
4
LD
r
Link Disable. This bit has no function and is read only zero.
3
RCB
rw
Read Completion Boundary.
2
RSVD
r
Reserved. Returns zero when read.
48
CLASSIC PCI CONFIGURATION SPACE
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com