Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 92 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 88Page - Texas Instruments TUSB7320 Datasheet HTML 89Page - Texas Instruments TUSB7320 Datasheet HTML 90Page - Texas Instruments TUSB7320 Datasheet HTML 91Page - Texas Instruments TUSB7320 Datasheet HTML 92Page - Texas Instruments TUSB7320 Datasheet HTML 93Page - Texas Instruments TUSB7320 Datasheet HTML 94Page - Texas Instruments TUSB7320 Datasheet HTML 95Page - Texas Instruments TUSB7320 Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 115 page
background image
TUSB7320, TUSB7340
SLLSE76J – MARCH 2011 – REVISED MAY 2012
www.ti.com
Table 6-55. xHCI Extended Capabilities Register (xHCI Extended Capabilities Base + 00h)
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
1
State
Table 6-56. USB Legacy Support Capability Register Description
Bit
Field Name
Access
Description
31:25
RSVD
r
Reserved. Returns zeros when read.
24
HC_OS_SEMA
rw
HC OS Owned Semaphore.
23:17
RSVD
r
Reserved. Returns zeros when read.
16
HC_BIOS_SEMA
rw
HC BIOS Owned Semaphore.
Next Capability Pointer. This field is 04h, indicating that the xHCI
15:8
NEXT_CAP
r
Supported Protocol Capability for USB 2.0 starts at offset 10h from the
xHCI Extended Capabilities Base.
Capability ID. This field is 01h, identifying this capability as a USB
7:0
CAPABILITY_ID
r
Legacy Support Capability.
6.6.2
USB Legacy Support Control/Status Register
This register is used by BIOS software to enable System Management Interrupts.
xHCI Extended Capabilities Base register offset:04h
Register type:Read-Only, Read/Clear
Default value: 0000 0000h
Table 6-57. xHCI Extended Capabilities Register (xHCI Extended Capabilities Base + 04h)
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Table 6-58. USB Legacy Support Control/Status Register Description
Bit
Field Name
Access
Description
31
SMI_BAR
rc
SMI on BAR.
30
SMI_PCI_COM
rc
SMI on PCI Command.
29
SMI_OS_CHANGE
rc
SMI on OS Ownership Change.
28:21
RSVD
r
Reserved. Returns zeros when read.
20
SMI_HOST_SYS_ERR
r
SMI on Host System Error.
19:17
RSVD
r
Reserved. Returns zeros when read.
16
SMI_EVENT_INT
r
SMI on Event Interrupt.
15
SMI_BAR_EN
rw
SMI on BAR Enable.
14
SMI_PCI_COM_EN
rw
SMI on PCI Command Enable.
92
xHCI MEMORY MAPPED REGISTER SPACE
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com