Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 74 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 74 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 70Page - Texas Instruments TUSB7320 Datasheet HTML 71Page - Texas Instruments TUSB7320 Datasheet HTML 72Page - Texas Instruments TUSB7320 Datasheet HTML 73Page - Texas Instruments TUSB7320 Datasheet HTML 74Page - Texas Instruments TUSB7320 Datasheet HTML 75Page - Texas Instruments TUSB7320 Datasheet HTML 76Page - Texas Instruments TUSB7320 Datasheet HTML 77Page - Texas Instruments TUSB7320 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 115 page
background image
TUSB7320, TUSB7340
SLLSE76J – MARCH 2011 – REVISED MAY 2012
www.ti.com
6
xHCI MEMORY MAPPED REGISTER SPACE
6.1
The xHCI Register Map
The TUSB73X0 includes xHCI registers in memory mapped register space. These registers are accessible
via the address programmed into the Base Address Register 0/1.
All bits marked with a ‘*’ are sticky bits and are only reset by a Global Reset (GRST#).
Table 6-1. xHCI Register Map
Register Name
Offset
Host Controller Capability Registers
000h-01Fh
Host Controller Operational Registers
020h-49Fh
Runtime Registers
4A0h-5BFh
Doorbell Registers
5C0h-6C3h
Reserved
6C4-9BFh
xHCI Extended Capabilities Registers
9C0h-9EBh
Reserved
9ECh-FFFFFh
6.2
Host Controller Capability Registers
These registers specify the limits and capabilities of the TUSB7340. The offset in then table is from the
address programmed into the Base Address Register 0.
Table 6-2. Host Controller Capability Register Map
Register Name
Offset
HC Interface Version
Reserved
Capability Length
00h
HC Structural Parameters 1
04h
HC Structural Parameters 2
08h
HC Structural Parameters 3
0Ch
HC Capability Parameters
10h
Doorbell Offset
14h
Runtime Register Space Offset
18h
Reserved
1Ch-1Fh
6.2.1
Capability Registers Length
This read only register returns 20h when read to indicate that the beginning of the Operational Register
Space is at an offset of 20h from the address programmed into the Base Address Register 0.
BAR0 register offset: 00h
Register type:Read-Only
Default value: 0020h
Table 6-3. HC Capability Register 00h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
State
74
xHCI MEMORY MAPPED REGISTER SPACE
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com