Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 99 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 99 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 95Page - Texas Instruments TUSB7320 Datasheet HTML 96Page - Texas Instruments TUSB7320 Datasheet HTML 97Page - Texas Instruments TUSB7320 Datasheet HTML 98Page - Texas Instruments TUSB7320 Datasheet HTML 99Page - Texas Instruments TUSB7320 Datasheet HTML 100Page - Texas Instruments TUSB7320 Datasheet HTML 101Page - Texas Instruments TUSB7320 Datasheet HTML 102Page - Texas Instruments TUSB7320 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 115 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76J – MARCH 2011 – REVISED MAY 2012
8.2
De-Emphasis Control
De-emphasis provides a means to compensate for high frequency attenuation in the attached media. It
causes the output amplitude to be smaller for bits which are not preceded by a transition than for bits
which are. Fifteen different de-emphasis settings are provided via the PORTx_DE bits in the De-Emphasis
and Swing Control Register, see Section 4.65.
Table 8-2. Differential Output De-Emphasis
Amplitude Reduction
Value
%
dB
0000
0
0
0001
5.33
-0.48
0010
9.52
-0.87
0011
13.8
-1.29
0100
18.1
-1.73
0101
22.5
-2.21
0110
27.0
-2.73
0111
31.4
-3.28
1000
36.2
-3.9
1001
40.8
-4.55
1010
45.4
-5.26
1011
50.2
-6.05
1100
55.0
-6.93
1101
59.7
-7.90
1110
64.5
-8.99
1111
69.3
-10.27
8.3
Adaptive Equalizer
All receive channels in this macro family incorporate an adaptive equalizer, which can compensate for
channel insertion loss by attenuating the low frequency components with respect to the high frequency
components of the signal, thereby reducing inter-symbol interference.
The equalizer can be configured via the Portx_EQ bits of the Equalizer Control Register, Section 4.66.
Table 8-3 summarizes the options, which are:
•
No adaptive equalization. The equalizer provides a flat response at the maximum gain. This setting
may be appropriate if jitter at the receiver occurs predominantly as a result of crosstalk rather than
frequency dependent loss.
•
Fully adaptive equalization.
Both the low frequency gain and zero position of the equalizer are
determined algorithmically by analyzing the data patterns and transition positions in the received data.
FTC refers to the algorithm that controls the zero position.
In the FTC normal mode, the zero is
decreased in frequency when more equalization is needed; in the FTC reversed mode, the zero is
increased in frequency when more equalization is needed.
The fully adaptive with FTC reversed
setting should be used for most applications.
•
Hold. The equalizer state is held at its current gain level and zero point.
•
Initialize.
The equalizer is initialized to a mid-point gain level, with the zero set to a frequency
appropriate for the receiver data rate.
•
Partially adaptive equalization. The low frequency gain of the equalizer is determined algorithmically
by analyzing the data patterns and transition positions in the received data. The zero position is fixed
in one of eight zero positions. For any given application, the optimal setting is a function of the loss
characteristics of the channel and the spectral density of the signal as well as the data rate, which
means it is not possible to identify the best setting by data rate alone, although generally speaking, the
lower the line rate, the lower the zero frequency that will be required.
Copyright © 2011–2012, Texas Instruments Incorporated
PHY CONTROL
99
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com