Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 103 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 103 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 99Page - Texas Instruments TUSB7320 Datasheet HTML 100Page - Texas Instruments TUSB7320 Datasheet HTML 101Page - Texas Instruments TUSB7320 Datasheet HTML 102Page - Texas Instruments TUSB7320 Datasheet HTML 103Page - Texas Instruments TUSB7320 Datasheet HTML 104Page - Texas Instruments TUSB7320 Datasheet HTML 105Page - Texas Instruments TUSB7320 Datasheet HTML 106Page - Texas Instruments TUSB7320 Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 115 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76J – MARCH 2011 – REVISED MAY 2012
10
PCI EXPRESS POWER MANAGEMENT
10.1 Power Management
PCI power management (PM) features include active-state link PM, PME mechanisms, and all
conventional PCI D states. If the active-state link PM is enabled, the link automatically saves power when
idle using the L0s and L1 states.
10.2 PCI Express Link Power Management States
PCI Express defines Link power management states, replacing the bus power management states that
were defined by the PCI Bus Power Management Interface Specification. Link states are not visible to
PCI-PM legacy compatible software, and are either derived from the power management D-states of the
corresponding components connected to that Link or by ASPM protocols.
Table 10-1. PCI Express Link Power Management States
Link States
Description
L0
Active state. All PCI Express transactions and other operations are enabled.
L0s
A low resume latency, energy saving "standby" state.
L1
Higher latency, lower power "standby" state.
L2
Auxiliary-powered Link, deep-energy-saving state.
L3
Link Off state. When no power is present, the component is in the L3 state.
Link States
Description
PM SW Directed
Ref Clk
Vaux
L0
Fully active
Yes (D0)
On
On/Off
L0s
Standby
No
On
On/Off
L1
Low power standby
Yes (D1-D3hot)
On
On/Off
L2/L3 Ready
Staging for power removal
Yes
On
On/Off
L2
Low power sleep
Yes
Off
On
L3
No power
N/A
Off
Off
10.3 PCI Express Power Management D-States
PCI Express supports all PCI-PM device power management states. The TUSB73x0 supports the D0, D1,
D2, and D3 states (both D3hot and D3cold).
Table 10-2. PCI Express Power Management D-States
Power Management States
Description
Normal operation state. The device is completely active and responsive in this state. The
D0
link may be L0 or L0s.
Light sleep state. I Configuration and message requests are accepted. Intermediate
D1
state intended to provide some power savings but yields a quicker restore time. The link
state is L1.
Deep sleep state. Configuration and message requests are accepted. Intermediate state
D2
intended to provide some power savings but yields a quicker restore time. The link state
is L1.
Disabled State. Configuration and message requests are accepted. Link state should be
D3hot
L1, PERST# is deasserted, and reference clock active depending on state of CLKREQ#.
Power-off state. Link state should be L2. PERST# is active and no reference clock is
D3cold
present.
Copyright © 2011–2012, Texas Instruments Incorporated
PCI EXPRESS POWER MANAGEMENT
103
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com