Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 104 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 104 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 100Page - Texas Instruments TUSB7320 Datasheet HTML 101Page - Texas Instruments TUSB7320 Datasheet HTML 102Page - Texas Instruments TUSB7320 Datasheet HTML 103Page - Texas Instruments TUSB7320 Datasheet HTML 104Page - Texas Instruments TUSB7320 Datasheet HTML 105Page - Texas Instruments TUSB7320 Datasheet HTML 106Page - Texas Instruments TUSB7320 Datasheet HTML 107Page - Texas Instruments TUSB7320 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 115 page
background image
TUSB7320, TUSB7340
SLLSE76J – MARCH 2011 – REVISED MAY 2012
www.ti.com
10.4 Power Management Event (PME)
Power Management Events are generated by Functions as a means of requesting a PM state change.
Power Management Events are typically utilized to revive the system or an individual Function from a low
power state.
Before using any wakeup mechanism, a Function must be enabled by software to do so by setting the
PME_EN bit in the PMCSR, see Section 4.25. The PME_Status bit is sticky, and the value of the
PME_Status bit is maintained through reset if aux power is available and the device is enabled for wakeup
events. The TUSB73x0 needs a clock at all times in order to support wake from system suspend.
10.4.1 PME Support
The 5-bit PME_support field in the PMC (Power Management Capabilities) register, Section 4.24,
indicates the power states in which the TUSB73X0 may send a PME Message. A value of 0b for any bit
indicates that it is not capable of sending PME Message while in that power state. Note that the default
value of the Bit15 of the PME_support for D3cold is "HwInit" and depends on the AUX_DET pin strapping.
If the AUX_DET is pulled high, bit 15 set to 1b.
Table 10-3. PME Support
Pin Name
Support Wake from D3cold/D3hot
Support Wake from D3hot only
3.3V
Power rails must be maintained to support D3cold and
Power rails must be maintained to support D3hot states,
1.1V
D3hot states.
but may be removed for D3cold.
Pulled high.When AUXDET is pulled high, bit 15 of the
Pulled low. When AUXDET is pulled low, bit 15 of the
AUX_DET
Power Management Capabilities register is set to 1b.
Power Management Capabilities register is cleared, or 0b.
Must not be asserted during D3cold and D3hot states
Must not be asserted during D3hot state, but should assert
GRST#
for WAKE# to function correctly. Should be asserted if
if power rails fall below specified operating conditions.
power rails fall below specified operating conditions.
Connected to WAKE# of the system chipset and is
pulled high on the system board. WAKE# is used for
WAKE# is not used. In band PME message is used for
WAKE#
wakeup from D3cold. In band PME message is used
wakeup from D3hot. Should not be pulled high if power is
for wakeup from D3hot. Should not be pulled high if
removed.
power is removed.
Connected to CLKREQ# of the system chipset and is
Connected to CLKREQ# of the system chipset and is
CLKREQ#
pulled high. Should not be pulled high if power is
pulled high. Should not be pulled high if power is removed.
removed.
Must remain pulled high during D3cold and D3hot
Must remain pulled high during D3hot state. Should not be
OVERCUR(X:1)#
states. Should not be pulled high if power is removed.
pulled high if power is removed.
If an EEPROM is used for configuration, power should also be maintained during D3cold and D3hot
states.
The assertion of PERST# transitions the TUSB7340 from D3hot to D3cold. PERST# must be asserted if
the power rails fall below the specified operation conditions.
The TUSB73x0 will support wake from system suspend if the following conditions are met:
1. TUSB73x0 clock source must never be removed.
2. TUSB73x0 AUX_DET must be pulled to TUSB73x0 VDD33.
3. TUSB73x0 must remain powered in system suspend states.
4. PERST# must be asserted in system suspend states to signal WAKE#.
5. BIOS/OS must set TUSB73x0 PME_ENABLE# prior to system suspend.
6. TUSB73x0 GRST# should never be asserted during system suspend.
7. TUSB73x0 WAKE# pin should be pulled-up and connected to PCIe WAKE# signal.
8. A .001-µF capacitor (to ground) should be placed on TUSB73x0 WAKE# pin.
9. VBUS must remain powered during system suspend states.
104
PCI EXPRESS POWER MANAGEMENT
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com