Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 108 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 108 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 104Page - Texas Instruments TUSB7320 Datasheet HTML 105Page - Texas Instruments TUSB7320 Datasheet HTML 106Page - Texas Instruments TUSB7320 Datasheet HTML 107Page - Texas Instruments TUSB7320 Datasheet HTML 108Page - Texas Instruments TUSB7320 Datasheet HTML 109Page - Texas Instruments TUSB7320 Datasheet HTML 110Page - Texas Instruments TUSB7320 Datasheet HTML 111Page - Texas Instruments TUSB7320 Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 115 page
background image
TUSB7320, TUSB7340
SLLSE76J – MARCH 2011 – REVISED MAY 2012
www.ti.com
11.5 TUSB7320 POWER CONSUMPTION
VCore
V I/O
TOTAL
1.05 V
3.3 V
mA
mW
mA
mW
mW
ACTIVE STATES
2 SuperSpeed devices active(1)
594
623.70
115
379.50
1003.20
1 SuperSpeed device active(1)
410
430.50
115
379.50
810.00
POWER MANAGEMENT STATES
System on - device idle(2)
55
57.75
4
13.20
70.95
System suspend
55
57.75
4
13.20
70.95
System hibernate
55
57.75
4
13.20
70.95
(1)
'Device active' indicates that connected devices are actively transferring data.
(2)
No downstream devices are connected.
11.6 TUSB7340 POWER CONSUMPTION
VCore
V I/O
TOTAL
1.05 V
3.3 V
mA
mW
mA
mW
mW
ACTIVE STATES
4 SuperSpeed devices active(1)
880
924.00
115
379.50
1303.50
3 SuperSpeed devices active(1)
740
777.00
115
379.50
1156.50
2 SuperSpeed devices active(1)
597
626.85
115
379.50
1006.35
1 SuperSpeed devices active(1)
420
441.00
115
379.50
820.50
POWER MANAGEMENT STATES
System on - device idle(2)
63
66.15
4
13.20
79.35
System suspend
63
66.15
4
13.20
79.35
System hibernate
63
66.15
4
13.20
79.35
(1)
'Device active' indicates that connected devices are actively transferring data.
(2)
No downstream devices are connected.
108
ELECTRICAL CHARACTERISTICS
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com