Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 95 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 91Page - Texas Instruments TUSB7320 Datasheet HTML 92Page - Texas Instruments TUSB7320 Datasheet HTML 93Page - Texas Instruments TUSB7320 Datasheet HTML 94Page - Texas Instruments TUSB7320 Datasheet HTML 95Page - Texas Instruments TUSB7320 Datasheet HTML 96Page - Texas Instruments TUSB7320 Datasheet HTML 97Page - Texas Instruments TUSB7320 Datasheet HTML 98Page - Texas Instruments TUSB7320 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 115 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76J – MARCH 2011 – REVISED MAY 2012
Table 6-64. xHCI Extended Capabilities Register (xHCI Extended Capabilities Base + 20h)
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
1
1
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
State
Table 6-65. xHCI Supported Protocol Capability Register (USB 3.0) Description
Bit
Field Name
Access
Description
Major Revision. This field is 03h, since this Supported Protocol Capability
31:24
MAJOR_REV
r
is for release 3.0 of the USB specification.
Minor Revision. This field is 00h, since this Supported Protocol Capability
23:16
MINOR_REV
r
is for release 3.0 of the USB specification.
Next Capability Pointer. This field is 00h, indicating that this is the last
15:8
NEXT_CAP
r
capability.
Capability ID. This field is 02h, identifying this capability as a Supported
7:0
CAPABILITY_ID
r
Protocol Capability.
6.6.7
xHCI Supported Protocol Name String Register (USB 3.0)
This read only register is set to 2042 5355h, indicating that the Supported Protocol Capability is for USB
3.0.
xHCI Extended Capabilities Base register offset:24h
Register type:Read-Only
Default value: 2042 5355h
Table 6-66. xHCI Extended Capabilities Register (xHCI Extended Capabilities Base + 24h)
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
1
0
0
0
0
0
0
1
0
0
0
0
1
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
1
0
1
0
0
1
1
0
1
0
1
0
1
0
1
State
6.6.8
xHCI Supported Protocol Port Register (USB 3.0)
This register indicates how many USB 3.0 ports are supported and what their port numbers are.
xHCI Extended Capabilities Base register offset:28h
Register type:Read-Only
Default value: 0000 0X0Xh
Copyright © 2011–2012, Texas Instruments Incorporated
xHCI MEMORY MAPPED REGISTER SPACE
95
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com