Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 84 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 84 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 80Page - Texas Instruments TUSB7320 Datasheet HTML 81Page - Texas Instruments TUSB7320 Datasheet HTML 82Page - Texas Instruments TUSB7320 Datasheet HTML 83Page - Texas Instruments TUSB7320 Datasheet HTML 84Page - Texas Instruments TUSB7320 Datasheet HTML 85Page - Texas Instruments TUSB7320 Datasheet HTML 86Page - Texas Instruments TUSB7320 Datasheet HTML 87Page - Texas Instruments TUSB7320 Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 115 page
background image
TUSB7320, TUSB7340
SLLSE76J – MARCH 2011 – REVISED MAY 2012
www.ti.com
6.3.8
Configure Register
This register defines runtime xHC configuration parameters.
Operational Base register offset:38h
Register type:Read-Only, Read/Write
Default value: 0000 0000h
Table 6-29. HC Operational Register (Operational Base + 38h)
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Table 6-30. Configure Register Description
Bit
Field Name
Access
Description
31:8
RSVD
r
Reserved. Returns zeros when read.
7:0
MAX_SLOTS_EN
rw
Max Device Slots Enabled.
6.3.9
Port Status and Control Register
The TUSB73X0 implements a Port Status and Control Register for each port that is implemented. The
number of Port Status and Control Registers is the same as the value in the MAX_PORTS field in the
Host Controller Structural Parameters 1 Register (see 6.1.3).
Operational Base register offset:400h + (10h*(n-1))), where n = Port Number
Register type:Read-Only, Read/Write, Read/Clear
Default value: X000 02A0h
Table 6-31. HC Operational Register (Operational Base + 400h + (10h*(n-1))), where n = Port Number
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
x
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
1
0
1
0
1
0
0
0
0
0
State
Table 6-32. Port Status and Control Register Description
Bit
Field Name
Access
Description
Warm Port Reset. This field is only valid for USB 3.0 protocol ports. For
31
WPR *
rc or r
USB 2.0 protocol ports, this bit is reserved.
Device Removable. The value of this bit depends on the value
programmed into the USBx_PORTy_NON_REM bit in the USB Control
30
DR
r
Register that corresponds to the port number and port type associated
with this register.
29:28
RSVD
r
Reserved. Returns zeros when read.
27
WOE *
rw
Wake on Over-current Enable.
84
xHCI MEMORY MAPPED REGISTER SPACE
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com