Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 33Page - Texas Instruments TUSB7320 Datasheet HTML 34Page - Texas Instruments TUSB7320 Datasheet HTML 35Page - Texas Instruments TUSB7320 Datasheet HTML 36Page - Texas Instruments TUSB7320 Datasheet HTML 37Page - Texas Instruments TUSB7320 Datasheet HTML 38Page - Texas Instruments TUSB7320 Datasheet HTML 39Page - Texas Instruments TUSB7320 Datasheet HTML 40Page - Texas Instruments TUSB7320 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 115 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76J – MARCH 2011 – REVISED MAY 2012
4.18 Interrupt Line Register
This read/write register is programmed by the system and indicates to the software which interrupt line the
TUSB73X0 has been assigned. The default value of this register is FFh, indicating that an interrupt line
has not yet been assigned to the function
PCI register offset: 3Ch
Register type:Read-only
Default value: FFh
Table 4-25. PCI Register 3Ch
Bit No.
7
6
5
4
3
2
1
0
Reset State
1
1
1
1
1
1
1
1
4.19 Interrupt Pin Register
The Interrupt Pin register is read-only 01h indicating that the TUSB73X0 uses INTA.
PCI register offset: 3Dh
Register type:Read-only
Default value: 01h
Table 4-26. PCI Register 3Dh
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
1
4.20 Min Grant Register
This read-only register has no meaningful context for a PCI Express device and returns zeros when read.
PCI register offset: 3Eh
Register type:Read-only
Default value: 00h
Table 4-27. PCI Register 3Eh
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
4.21 Max Latency Register
This read-only register has no meaningful context for a PCI Express device and returns zeros when read.
PCI register offset: 3Fh
Register type:Read-only
Default value: 00h
Table 4-28. PCI Register 3Fh
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
Copyright © 2011–2012, Texas Instruments Incorporated
CLASSIC PCI CONFIGURATION SPACE
37
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com