Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 67Page - Texas Instruments TUSB7320 Datasheet HTML 68Page - Texas Instruments TUSB7320 Datasheet HTML 69Page - Texas Instruments TUSB7320 Datasheet HTML 70Page - Texas Instruments TUSB7320 Datasheet HTML 71Page - Texas Instruments TUSB7320 Datasheet HTML 72Page - Texas Instruments TUSB7320 Datasheet HTML 73Page - Texas Instruments TUSB7320 Datasheet HTML 74Page - Texas Instruments TUSB7320 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 115 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76J – MARCH 2011 – REVISED MAY 2012
5.9
Advanced Error Capabilities and control Register
The Advanced Error Capabilities and Control Register allows the system to monitor and control the
advanced error reporting capabilities.
PCI Express Extended Register Offset: 118h
Register type:Read-Only, Read/Write
Default value: 0000 0050h
Table 5-14. PCI Express Extended Register 118h
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
1
0
1
0
0
0
0
0
State
Table 5-15. Bit Descriptions – Advanced Error Capabilities and Control Register(1)
Bit
Field Name
Access
Description
31:9
RSVD
r
Reserved. Returns zeros when read.
Extended CRC Check Enable.
8†
ECRC_CHK_EN †
rw
0 – Extended CRC checking is Disabled
1 – Extended CRC checking is Enabled
Extended CRC Check Capable. This read-only bit returns a value of ‘1’
7
ECRC_CHK_CAPABLE
r
indicating that the TUSB73X0 is capable of checking extended CRC
information.
Extended CRC Generation Enable.
6†
ECRC_GEN_EN †
rw
0 – Extended CRC generation is Disabled
1 – Extended CRC generation is Enabled
Extended CRC Generation Capable. This read-only bit returns a value of
5
ECRC_GEN_CAPABLE
r
‘1’ indicating that the TUSB73X0 is capable of generating extended CRC
information.
First Error Pointer. This five bit value reflects the bit position within the
4:0†
FIRST_ERR †
ru
Uncorrectable Error Status Register corresponding to the class of the
first error condition that was detected.
(1)
Bits marked with † are reset by a PCI Express reset (PERST#), a GRST#, or the internally-generated power-on reset
Copyright © 2011–2012, Texas Instruments Incorporated
PCI EXPRESS EXTENDED CONFIGURATION SPACE
71
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com