Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 26Page - Texas Instruments TUSB7320 Datasheet HTML 27Page - Texas Instruments TUSB7320 Datasheet HTML 28Page - Texas Instruments TUSB7320 Datasheet HTML 29Page - Texas Instruments TUSB7320 Datasheet HTML 30Page - Texas Instruments TUSB7320 Datasheet HTML 31Page - Texas Instruments TUSB7320 Datasheet HTML 32Page - Texas Instruments TUSB7320 Datasheet HTML 33Page - Texas Instruments TUSB7320 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 115 page
background image
TUSB7320, TUSB7340
SLLSE76J – MARCH 2011 – REVISED MAY 2012
www.ti.com
4.4
Command Register
The Command register provides control over the TUSB73X0 interface to the PCIe interface
PCI register offset: 04h
Register type:Read-only, Read/Write
Default value: 0000h
Table 4-4. PCI Register 04h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Table 4-5. Bit Command Register Description
Bit
Field Name
Access
Description
15:11
RSVD
r
Reserved. Returns zeros when read.
10
INT_DISABLE
rw
INTx# Disable. This bit enables device specific interrupts.
Fast back-to-back enable. The host controller does not generate fast back-to-
9
FBB_ENB
r
back transactions; therefore, this bit returns 0 when read.
SERR enable bit. When this bit is set, the host controller can signal fatal and
nonfatal errors on the PCI Express interface on behalf of SERR assertions
8
SERR_ENB
rw
detected on the PCI bus.
0 = Disable the reporting of nonfatal errors and fatal errors (default)
1 = Enable the reporting of nonfatal errors and fatal errors
Address/data stepping control. The host controller does not support
7
STEP_ENB
r
address/data stepping, and this bit is hardwired to 0b.
Controls the setting of bit 8 (DATAPAR) in the status register (offset 06h, see
Section 4.5) in response to a received poisoned TLP from PCI Express. A
received poisoned TLP is forwarded with bad parity to conventional PCI
6
PERR_ENB
rw
regardless of the setting of this bit.
0 = Disables the setting of the master data parity error bit (default)
1 = Enables the setting of the master data parity error bit
VGA palette snoop enable. The host controller does not support VGA palette
5
VGA_ENB
r
snooping; therefore, this bit returns 0b when read.
Memory write and invalidate enable. The host controller does not support
4
MWI_ENB
r
memory write and invalidate enable; therefore, this bit returns 0b when read.
Special cycle enable. This host controller does not respond to special cycle
3
SPECIAL
r
transactions; therefore, this bit returns 0 when read.
Bus master enable. When this bit is set, the host controller is enabled to initiate
transactions on the PCI Express interface.
0 = PCI Express interface cannot initiate transactions. The host controller must
disable the response to memory and I/O transactions on the PCI interface
2
MASTER_ENB
rw
(default).
1 = PCI Express interface can initiate transactions. The host controller can
forward memory and I/O transactions from PCI secondary interface to the PCI
Express interface.
Memory space enable. Setting this bit enables the host controller to respond to
memory transactions on the PCI Express interface.
0 = PCI Express receiver cannot process downstream memory transactions
1
MEMORY_ENB
rw
and must respond with an unsupported request (default)
1 = PCI Express receiver can process downstream memory transactions. The
host controller can forward memory transactions to the PCI interface.
I/O space enable. Setting this bit enables the host controller to respond to I/O
transactions on the PCI Express interface.
0 = PCI Express receiver cannot process downstream I/O transactions and
0
IO_ENB
r
must respond with an unsupported request (default)
1 = PCI Express receiver can process downstream I/O transactions. The host
controller can forward I/O transactions to the PCI interface.
30
CLASSIC PCI CONFIGURATION SPACE
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com