Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 28Page - Texas Instruments TUSB7320 Datasheet HTML 29Page - Texas Instruments TUSB7320 Datasheet HTML 30Page - Texas Instruments TUSB7320 Datasheet HTML 31Page - Texas Instruments TUSB7320 Datasheet HTML 32Page - Texas Instruments TUSB7320 Datasheet HTML 33Page - Texas Instruments TUSB7320 Datasheet HTML 34Page - Texas Instruments TUSB7320 Datasheet HTML 35Page - Texas Instruments TUSB7320 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 115 page
background image
TUSB7320, TUSB7340
SLLSE76J – MARCH 2011 – REVISED MAY 2012
www.ti.com
4.6
Class Code and Revision ID Register
This read only register categorizes the Base Class, Sub Class, and Programming Interface of the
TUSB73X0. The Base Class is 0Ch, identifying the device as a Serial Bus Controller. The Sub Class is
03h, identifying the function as a Universal Serial Bus Host Controller, and the Programming Interface is
30h, identifying the function as a USB 3.0 xHCI Host Controller. Furthermore, the TI chip revision is
indicated in the lower byte (02h).
PCI register offset: 08h
Register type:Read-only
Default value: 0C03 3002h
Table 4-8. PCI Register 06h
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
1
1
0
0
0
0
0
0
0
0
1
1
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
1
1
0
0
0
0
0
0
0
0
0
0
1
0
State
Table 4-9. Class Code and Revision ID Register Description
Bit
Field Name
Access
Description
Base Class. This field returns 0Ch when read, which classifies the function
31:24
BASECLASS
r
as a Serial Bus Controller.
Sub Class. This field returns 03h when read, which specifically classifies
23:16
SUBCLASS
r
the function as a Universal Serial Bus Host Controller.
Programming Interface. This field returns 30h when read, which identifies
15:8
PGMIF
r
the function as a USB 3.0 xHCI Host Controller.
Silicon Revision. This field returns the silicon revision of the function. This
7:0
CHIPREV
r
field is 02h.
4.7
Cache Line Size Register
This 8-bit register is read/write for legacy compatibility purposes and is not applicable to the functionality of
the TUSB73X0.
PCI register offset: 0Ch
Register type:Read/Write
Default value: 00h
Table 4-10. PCI Register 0Ch
Bit No.
8
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
0
0
32
CLASSIC PCI CONFIGURATION SPACE
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com