Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 65 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 65 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 61Page - Texas Instruments TUSB7320 Datasheet HTML 62Page - Texas Instruments TUSB7320 Datasheet HTML 63Page - Texas Instruments TUSB7320 Datasheet HTML 64Page - Texas Instruments TUSB7320 Datasheet HTML 65Page - Texas Instruments TUSB7320 Datasheet HTML 66Page - Texas Instruments TUSB7320 Datasheet HTML 67Page - Texas Instruments TUSB7320 Datasheet HTML 68Page - Texas Instruments TUSB7320 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 115 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76J – MARCH 2011 – REVISED MAY 2012
5
PCI EXPRESS EXTENDED CONFIGURATION SPACE
5.1
The PCI Express Extended Configuration Map
Table 5-1. PCI Express Extended Configuration Register Map
Register Name
Offset
PCI Express Advanced Error Reporting
Next Capability Offset / Capability Version
100h
Capabilities ID
Uncorrectable Error Status Register
104h
Uncorrectable Error Mask Register
108h
Uncorrectable Error Severity Register
10Ch
Correctable Error Status Register
110h
Correctable Error Mask Register
114h
Advanced Error Capabilities and Control Register
118h
Header Log Register
11Ch
Header Log Register
120h
Header Log Register
124h
Header Log Register
128h
Reserved
12Ch-14Fh
Next Capability Offset / Capability Version
Device Serial Number Capability ID
150h
Serial Number Register (Lower DW)
154h
Serial Number Register (Upper DW)
158h
Reserved
15C-FFFh
5.2
Advanced Error Reporting capability Register
This read-only register identifies the linked list item as the register for PCI Express Advanced Error
Reporting Capabilities. The register returns 0001h when read.
PCI Express Extended Register Offset: 100h
Register type:Read-Only
Default value: 0001h
Table 5-2. PCI Express Extended Register 100h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
State
Copyright © 2011–2012, Texas Instruments Incorporated
PCI EXPRESS EXTENDED CONFIGURATION SPACE
65
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com