Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 58 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 54Page - Texas Instruments TUSB7320 Datasheet HTML 55Page - Texas Instruments TUSB7320 Datasheet HTML 56Page - Texas Instruments TUSB7320 Datasheet HTML 57Page - Texas Instruments TUSB7320 Datasheet HTML 58Page - Texas Instruments TUSB7320 Datasheet HTML 59Page - Texas Instruments TUSB7320 Datasheet HTML 60Page - Texas Instruments TUSB7320 Datasheet HTML 61Page - Texas Instruments TUSB7320 Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 115 page
background image
TUSB7320, TUSB7340
SLLSE76J – MARCH 2011 – REVISED MAY 2012
www.ti.com
Table 4-94. General Control 0 Register Description
Bit
Field Name
Access
Description
31:12
RSVD
r
Reserved. Returns zeros when read.
L1 Exit Latency for Asynchronous Clock. This value in this field is the
value reported in the L1_LATENCY field in the Link Capabilities Register
11:9†
L1_EXIT_LAT_ASYNC†
rw
when the CCC bit in the Link Control Register is ‘0’. This field defaults to
110b.
L1 Exit Latency for Common Clock. This value in this field is the value
8:6†
L1_EXIT_LAT_COMMON†
rw
reported in the L1_LATENCY field in the Link Capabilities Register when
the CCC bit in the Link Control Register is ‘1’. This field defaults to 110b.
L0s Exit Latency for Asynchronous Clock. This value in this field is the
value reported in the L0s_LATENCY field in the Link Capabilities
5:3†
L0s_EXIT_LAT_ASYNC†
rw
Register when the CCC bit in the Link Control Register is ‘0’. This field
defaults to 011b.
L0s Exit Latency for Common Clock. This value in this field is the value
reported in the L0s_LATENCY field in the Link Capabilities Register
2:0†
L0s_EXIT_LAT_COMMON†
rw
when the CCC bit in the Link Control Register is ‘1’. This field defaults to
011b.
4.62 General Control 1 Register
This register is a read/write register is used to control various functions of the TUSB73X0. This register is
reset by a PCI Express reset (PERST#), a GRST#, or the internally-generated power-on reset.
PCI register offset: D8h
Register type:Read-Only,Read/Write
Default value: 0000 001Bh
Table 4-95. PCI Register D8h
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
1
1
0
1
1
State
Table 4-96. General Control 1 Register Description
Bit
Field Name
Access
Description
31:6
RSVD
r
Reserved. Returns zeros when read.
L1ASPM Entry Timer. This field specifies the value of the L1ASPM Entry
5:3†
L1ASPM_ENTRY_TIMER†
rw
Timer. This field defaults to ‘011’, corresponding to a value of 8 µs.
L0s Entry timer. This field specifies the value of the L0s Entry timer. This
2:0†
L0s_ENTRY_TIMER†
rw
field defaults to ‘011’, corresponding to a value of 4 µs.
58
CLASSIC PCI CONFIGURATION SPACE
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com