Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 63 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 63 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 59Page - Texas Instruments TUSB7320 Datasheet HTML 60Page - Texas Instruments TUSB7320 Datasheet HTML 61Page - Texas Instruments TUSB7320 Datasheet HTML 62Page - Texas Instruments TUSB7320 Datasheet HTML 63Page - Texas Instruments TUSB7320 Datasheet HTML 64Page - Texas Instruments TUSB7320 Datasheet HTML 65Page - Texas Instruments TUSB7320 Datasheet HTML 66Page - Texas Instruments TUSB7320 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 115 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76J – MARCH 2011 – REVISED MAY 2012
Table 4-104. Equalizer Control Register Description(1)
Bit
Field Name
Access
Description
Port 4 Equalizer - Initialization Mode. When the PORT4_EQ_OV bit is
set to ‘1’, these bits are used as the source for the Equalizer init values
31:28†
PORT4_EQ_INIT†
rw
for port 4 of the PHY. For details on the behavior of the equalizer values
refer to Table 8-3. For the TUSB7320 Port 4 is not present and these bits
have no effect.
Port 4 Equalizer- Functional Mode. When the PORT4_EQ_OV bit is set
to ‘1’, these bits are used as the source for the Equalizer func values for
27:24†
PORT4_EQ_FUNC†
rw
port 4 of the PHY. For details on the behavior of the equalizer values
refer to Table 8-3. For the TUSB7320 Port 4 is not present and these bits
have no effect.
Port 3 Equalizer - Initialization Mode. When the PORT3_EQ_OV bit is
set to ‘1’, these bits are used as the source for the Equalizer init values
23:20†
PORT3_EQ_INIT†
rw
for port 3 of the PHY. For details on the behavior of the equalizer values
refer to Table 8-3. For the TUSB7320 Port 3 is not present and these bits
have no effect.
Port 3 Equalizer- Functional Mode. When the PORT3_EQ_OV bit is set
to ‘1’, these bits are used as the source for the Equalizer func values for
19:16†
PORT3_EQ_FUNC†
rw
port 3 of the PHY. For details on the behavior of the equalizer values
refer to Table 8-3. For the TUSB7320 Port 3 is not present and these bits
have no effect.
Port 2 Equalizer - Initialization Mode. When the PORT2_EQ_OV bit is
set to ‘1’, these bits are used as the source for the Equalizer init values
15:12†
PORT2_EQ_INIT†
rw
for port 3 of the PHY. For details on the behavior of the equalizer values
refer to Table 8-3.
Port 2 Equalizer- Functional Mode. When the PORT2_EQ_OV bit is set
to ‘1’, these bits are used as the source for the Equalizer func values for
11:8†
PORT2_EQ_FUNC†
rw
port 3 of the PHY. For details on the behavior of the equalizer values
refer to Table 8-3.
Port 1 Equalizer - Initialization Mode. When the PORT1_EQ_OV bit is
set to ‘1’, these bits are used as the source for Equalizer init values for
7:4†
PORT1_EQ_INIT†
rw
port 1 of the PHY. For details on the behavior of the equalizer values
refer to Error: Reference source not found.
Port 1 Equalizer- Functional Mode. When the PORT1_EQ_OV bit is set
to ‘1’, these bits are used as the source for Equalizer func values for port
3:0†
PORT1_EQ_FUNC†
rw
1 of the PHY. For details on the behavior of the equalizer values refer to
Table 8-3.
(1)
Bits marked with † are reset by a PCI Express reset (PERST#), a GRST#, or the internally-generated power-on reset
4.67 Custom PHY Transmit/Receive Control Register
This register is used to enable the override of the default de-emphasis, transmit swing, and receiver
equalization settings for each of the USB 3.0 ports. This register is reset by a PCI Express reset
(PERST#), a GRST#, or the internally-generated power-on reset.
PCI register offset: ECh
Register type:Read/Write
Default value: 0000 0000h
Table 4-105. PCI Register ECh
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Copyright © 2011–2012, Texas Instruments Incorporated
CLASSIC PCI CONFIGURATION SPACE
63
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com