Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 27Page - Texas Instruments TUSB7320 Datasheet HTML 28Page - Texas Instruments TUSB7320 Datasheet HTML 29Page - Texas Instruments TUSB7320 Datasheet HTML 30Page - Texas Instruments TUSB7320 Datasheet HTML 31Page - Texas Instruments TUSB7320 Datasheet HTML 32Page - Texas Instruments TUSB7320 Datasheet HTML 33Page - Texas Instruments TUSB7320 Datasheet HTML 34Page - Texas Instruments TUSB7320 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 115 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76J – MARCH 2011 – REVISED MAY 2012
4.5
Status Register
The status register provides information about the PCI Express interface to the system.
PCI register offset: 06h
Register type:Read-only, Read/Clear
Default value: 0010h
Table 4-6. PCI Register 06h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Table 4-7. Status Register Description
Bit
Field Name
Access
Description
Detected parity error. This bit is set when the PCI Express interface receives a
poisoned TLP. This bit is set regardless of the state of bit 6 (PERR_ENB) in
15
PAR_ERR
rcu
the command register (offset 04h, see Section 4.4).
0 = No parity error detected
1 = Parity error detected
Signaled system error. This bit is set when the host controller sends an
ERR_FATAL or ERR_NONFATAL message and bit 8 (SERR_ENB) in the
14
SYS_ERR
rcu
command register (offset 04h, see Section 4.4) is set.
0 = No error signaled
1 = ERR_FATAL or ERR_NONFATAL signaled
Received master abort. This bit is set when the PCI Express interface of the
host controller receives a completion-with-unsupported-request status.
13
MABORT
rcu
0 = Unsupported request not received on the PCI Express interface
1 = Unsupported request received on the PCI Express interface
Received target abort. This bit is set when the PCI Express interface of the
host controller receives a completion-with-completer-abort status.
12
TABORT_REC
rcu
0 = Completer abort not received on the PCI Express interface
1 = Completer abort received on the PCI Express interface
Signaled target abort. This bit is set when the PCI Express interface completes
a request with completer abort status.
11
TABORT_SIG
rcu
0 = Completer abort not signaled on the PCI Express interface
1 = Completer abort signaled on the PCI Express interface
DEVSEL Timing. These bits are read only zero, because they do not apply to
10:9
DEVSEL_TIMING
r
PCI Express.
Master data parity error. This bit is set if bit 6 (PERR_ENB) in the command
register (offset 04h, see Section 4.4) is set and the host controller receives a
completion with data marked as poisoned on the PCI Express interface or
8
DATAPAR
rcu
poisons a write request received on the PCI Express interface.
0 = No uncorrectable data error detected on the primary interface
1 = Uncorrectable data error detected on the primary interface.
Fast back-to-back capable. This bit does not have a meaningful context for a
7
FBB_CAP
r
PCI Express device and is hardwired to 0b.
6
RSVD
r
Reserved. Returns zeros when read.
66 MHz capable. This bit does not have a meaningful context for a PCI
5
66MHZ
r
Express device and is hardwired to 0b.
Capabilities list. This bit returns 1b when read, indicating that the host
4
CAPLIST
r
controller supports additional PCI capabilities.
3
INT_STATUS
ru
Interrupt Status. This bit reflects the interrupt status of the function.
2:0
RSVD
r
Reserved. Returns zeros when read.
Copyright © 2011–2012, Texas Instruments Incorporated
CLASSIC PCI CONFIGURATION SPACE
31
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com