Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 34Page - Texas Instruments TUSB7320 Datasheet HTML 35Page - Texas Instruments TUSB7320 Datasheet HTML 36Page - Texas Instruments TUSB7320 Datasheet HTML 37Page - Texas Instruments TUSB7320 Datasheet HTML 38Page - Texas Instruments TUSB7320 Datasheet HTML 39Page - Texas Instruments TUSB7320 Datasheet HTML 40Page - Texas Instruments TUSB7320 Datasheet HTML 41Page - Texas Instruments TUSB7320 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 115 page
background image
TUSB7320, TUSB7340
SLLSE76J – MARCH 2011 – REVISED MAY 2012
www.ti.com
4.22 Capability ID Register
This read-only register identifies the linked list item as the register for PCI Power management. The
register returns 01h when read.
PCI register offset: 40h
Register type:Read-only
Default value: 01h
Table 4-29. PCI Register 40h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
0
0
0
0
0
0
1
4.23 Next Item Pointer Register
The contents of this read-only register indicate the next item in the linked list of capabilities for the
TUSB73X0. This register reads 48h pointing to the MSI Capability registers.
PCI register offset: 41h
Register type:Read-only
Default value: 48h
Table 4-30. PCI Register 41h
Bit No.
7
6
5
4
3
2
1
0
Reset State
0
1
0
0
1
0
0
0
4.24 Power Management Capabilities Register
The read-only register indicates the capabilities of the TUSB73X0 related to PCI power management.
PCI register offset: 42h
Register type:Read-only
Default value: xxx3h
Table 4-31. PCI Register 42h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
x
1
1
1
1
1
1
x
x
x
0
0
0
0
1
1
State
Table 4-32. Power Management Capabilities Register Description
Bit
Field Name
Access
Description
PME# support. This five-bit field indicates the power states from which
15:11
PME_SUPPORT
r
the TUSB73X0 may assert PME#. If the AUX_DET pin is ‘1’, this field is
‘11111’. If the AUX_DET pin is ‘0’, this field is ‘01111’.
This bit returns a 1 when read, indicating that the function supports the
10
D2_SUPPORT
r
D2 device power state.
This bit returns a 1 when read, indicating that the function supports the
9
D1_SUPPORT
r
D1 device power state.
3.3 Vaux auxiliary current requirements. If the AUX_DET pin is ‘1’, this
8:6
AUX_CURRENT
r
field is 010. IF the AUX_DET pin is ‘0’, this field is ‘000’.
38
CLASSIC PCI CONFIGURATION SPACE
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com