Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 77 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 77 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 73Page - Texas Instruments TUSB7320 Datasheet HTML 74Page - Texas Instruments TUSB7320 Datasheet HTML 75Page - Texas Instruments TUSB7320 Datasheet HTML 76Page - Texas Instruments TUSB7320 Datasheet HTML 77Page - Texas Instruments TUSB7320 Datasheet HTML 78Page - Texas Instruments TUSB7320 Datasheet HTML 79Page - Texas Instruments TUSB7320 Datasheet HTML 80Page - Texas Instruments TUSB7320 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 115 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76J – MARCH 2011 – REVISED MAY 2012
Table 6-10. HC Structural Parameters 3 Description
Bit
Field Name
Access
Description
U2 Device Exit Latency. This field is 07FFh to indicate that the worst
31:16
U2_EXIT_LAT
r
case latency for the TUSB73X0 to transition from U2 to U0 is 2047 µs.
15:8
RSVD
r
Reserved. Returns zeros when read.
U1 Device Exit Latency. This field is 0Ah to indicate that the worst case
7:0
U1_EXIT_LAT
r
latency for the TUSB73X0 to transition a root hub Port Link State from
U1 to U0 is 10 µs.
6.2.6
Host Controller Capability Parameters
This read only register defines capability parameters supported by the TUSB73X0.
BAR0 register offset: 10h
Register type:Read-Only
Default value: 0270 102Xh
Table 6-11. HC Capability Register 10h
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
1
0
0
1
1
1
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
1
1
1
1
0
0
0
0
0
1
1
0
x
1
0
1
State
Table 6-12. HC Capability Parameters Description
Bit
Field Name
Access
Description
xHCI Extended Capabilities Pointer. This field is 0270h to indicate that
31:16
XECP
r
the beginning of the first xHCI Extended Capability is at an offset of
09C0h from the address programmed into the Base Address Register 0.
Maximum Primary Stream Array Size. This field is ‘1111’ to indicate that
15:12
MAX_PSA_SIZE
r
the TUSB73X0 supports a Primary Stream Array size of 64K.
11:10
RSVD
r
Reserved. Returns zeros when read.
Secondary Bandwidth Domain Reporting. This bit is ‘0’ to indicate that
9
SBD
r
the TUSB73X0 does not support Secondary Bandwidth Domain
reporting.
Force Stopped Event. This bit is ‘0’ to indicate that theTUSB73X0 does
8
FSE
r
not support Force Stopped Events.
No Secondary SID Support. This bit is ‘0’ to indicate that the TUSB73X0
7
NSS
r
supports Secondary Stream ID decoding.
Latency Tolerance Messaging Capability. This bit is ‘1’ to indicate that
6
LTC
r
the TUSB73X0 supports Latency Tolerance Messaging.
Light HC Reset Capability. This bit is ‘1’ to indicate that the TUSB73X0
5
LHRC
r
supports Light Host Controller Resets.
Port Indicators. This bit is ‘0’ to indicate that the TUSB73X0 does not
4
PIND
r
support port indicators.
Port Power Control. This value of this bit is determined by the
3
PPC
r
PPC_NOT_PRESENT bit in the USB Control Register.
Context Size. This bit is ‘1’ to indicate that the TUSB73X0 uses 64 byte
2
CSZ
r
Context data structures.
Bandwidth Negotiation Capability. This bit is ‘0’ to indicate that the
1
BNC
r
TUSB73X0 does not implement Bandwidth Negotiation.
Copyright © 2011–2012, Texas Instruments Incorporated
xHCI MEMORY MAPPED REGISTER SPACE
77
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com