Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 54 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 50Page - Texas Instruments TUSB7320 Datasheet HTML 51Page - Texas Instruments TUSB7320 Datasheet HTML 52Page - Texas Instruments TUSB7320 Datasheet HTML 53Page - Texas Instruments TUSB7320 Datasheet HTML 54Page - Texas Instruments TUSB7320 Datasheet HTML 55Page - Texas Instruments TUSB7320 Datasheet HTML 56Page - Texas Instruments TUSB7320 Datasheet HTML 57Page - Texas Instruments TUSB7320 Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 115 page
background image
TUSB7320, TUSB7340
SLLSE76J – MARCH 2011 – REVISED MAY 2012
www.ti.com
Table 4-80. GPIO Control Register Description(1)
Bit
Field Name
Access
Description
15:4
RSVD
r
Reserved. Returns zero when read.
GPIO 3 Data Direction. This bit selects whether GPIO3 is in input or
output mode.
3†
GPIO3_DIR†
rw
0 – Input
1 – Output
GPIO 2 Data Direction. This bit selects whether GPIO2 is in input or
output mode.
2†
GPIO2_DIR†
rw
0 – Input
1 – Output
GPIO 1 Data Direction. This bit selects whether GPIO1 is in input or
output mode.
1†
GPIO1_DIR†
rw
0 – Input
1 – Output
GPIO 0 Data Direction. This bit selects whether GPIO0 is in input or
output mode.
0†
GPIO0_DIR†
rw
0 – Input
1 – Output
(1)
Bits marked with † are reset by a PCI Express reset (PERST#), a GRST#, or the internally-generated power-on reset.
4.54 GPIO Data Register
This register is used to read the state of the GPIO pins and to change the state of GPIO pins that are in
output mode. Writing to a bit that is in input mode will be ignored. The default value at power up depends
on the state of the GPIO terminals as they default to general purpose inputs. This register is reset by a
PCI Express reset (PERST#), a GRST#, or the internally-generated power-on reset.
PCI register offset: B6h
Register type:Read/Write, Read-Only
Default value: 0000h
Table 4-81. PCI Register B6h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
x
x
x
x
State
Table 4-82. GPIO Data Register Description(1)
Bit
Field Name
Access
Description
15:4
RSVD
r
Reserved. Returns zero when read.
GPIO 3 Data. This bit is used to read the state of GPIO3 or change the
3†
GPIO3_DATA†
rw
state of GPIO3 in output mode.
GPIO 2 Data. This bit is used to read the state of GPIO2 or change the
2†
GPIO2_DATA†
rw
state of GPIO2 in output mode.
GPIO 1 Data. This bit is used to read the state of GPIO1 or change the
1†
GPIO1_DATA†
rw
state of GPIO1 in output mode.
GPIO 0 Data. This bit is used to read the state of GPIO0 or change the
0†
GPIO0_DATA†
rw
state of GPIO0 in output mode.
(1)
Bits marked with † are reset by a PCI Express reset (PERST#), a GRST#, or the internally-generated power-on reset.
54
CLASSIC PCI CONFIGURATION SPACE
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com