Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 67 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 63Page - Texas Instruments TUSB7320 Datasheet HTML 64Page - Texas Instruments TUSB7320 Datasheet HTML 65Page - Texas Instruments TUSB7320 Datasheet HTML 66Page - Texas Instruments TUSB7320 Datasheet HTML 67Page - Texas Instruments TUSB7320 Datasheet HTML 68Page - Texas Instruments TUSB7320 Datasheet HTML 69Page - Texas Instruments TUSB7320 Datasheet HTML 70Page - Texas Instruments TUSB7320 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 115 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76J – MARCH 2011 – REVISED MAY 2012
Table 5-5. Custom PHY Transmit/Receive Control Register Description(1) (continued)
Flow Control Error. This bit is asserted when a flow control protocol error
13†
FC_ERROR †
rcu
is detected either during initialization or during normal operation.
12†
PSN_TLP †
rcu
Poisoned TLP. This bit is asserted when a poisoned TLP is received.
11:5
RSVD
r
Reserved. Returns zeros when read.
Data Link Protocol Error. This bit is asserted if a data link layer protocol
4†
DLL_ERROR †
rcu
error is detected.
3:0
RSVD
r
Reserved. Returns zeros when read.
5.5
Uncorrectable Error Mask Register
The Uncorrectable Error Mask Register controls the reporting of individual errors as they occur. When a
bit is set to one, the corresponding error condition will not be logged, and does not update any of the
status bits within the Extended Error Reporting Capability block.
PCI Express Extended Register Offset: 108h
Register type:Read-Only, Read/Write
Default value: 0000 0000h
Table 5-6. PCI Express Extended Register 108h
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Table 5-7. Bit Descriptions – Uncorrectable Error Mask Register(1)
Bit
Field Name
Access
Description
31:21
RSVD
r
Reserved. Returns zeros when read.
Unsupported Request Error Mask.
20†
UR_ERROR_MASK †
rw
0 – Error Condition is Unmasked
1 – Error Condition is Masked
Extended CRC Error Mask.
19†
ECRC_ERROR_MASK †
rw
0 – Error Condition is Unmasked
1 – Error Condition is Masked
Malformed TLP Mask.
18†
MAL_TLP_MASK †
rw
0 – Error Condition is Unmasked
1 – Error Condition is Masked
Receiver Overflow Mask.
17†
RX_OVERFLOW_MASK †
rw
0 – Error Condition is Unmasked
1 – Error Condition is Masked
Unexpected Completion Mask.
16†
UNXP_CPL_MASK †
rw
0 – Error Condition is Unmasked
1 – Error Condition is Masked
Completer Abort Mask.
15†
CPL_ABORT_MASK †
rw
0 – Error Condition is Unmasked
1 – Error Condition is Masked
Completion Timeout Mask.
14†
CPL_TIMEOUT_MASK †
rw
0 – Error Condition is Unmasked
1 – Error Condition is Masked
(1)
Bits marked with † are reset by a PCI Express reset (PERST#), a GRST#, or the internally-generated power-on reset
Copyright © 2011–2012, Texas Instruments Incorporated
PCI EXPRESS EXTENDED CONFIGURATION SPACE
67
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com