Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 59 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 55Page - Texas Instruments TUSB7320 Datasheet HTML 56Page - Texas Instruments TUSB7320 Datasheet HTML 57Page - Texas Instruments TUSB7320 Datasheet HTML 58Page - Texas Instruments TUSB7320 Datasheet HTML 59Page - Texas Instruments TUSB7320 Datasheet HTML 60Page - Texas Instruments TUSB7320 Datasheet HTML 61Page - Texas Instruments TUSB7320 Datasheet HTML 62Page - Texas Instruments TUSB7320 Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 115 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76J – MARCH 2011 – REVISED MAY 2012
4.63 General Control 2 Register
This register is a read/write register is used to control various functions of the TUSB73X0. This register is
reset by a PCI Express reset (PERST#), a GRST#, or the internally-generated power-on reset.
Note: For Pass 1.0 of the TUSB73X0 design, this register is read only zeros and has no effect.
PCI register offset: DCh
Register type:Read-Only,Read/Write
Default value: 0000 001Bh
Table 4-97. PCI Register DCh
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
1
1
0
1
1
State
Table 4-98. General Control 2 Register Description
Bit
Field Name
Access
Description
31:6
RSVD
r
Reserved. Returns zeros when read.
L1 Maximum Exit Latency. This field is used to program the maximum
acceptable latency when exiting the L1 state. This is used to set the L1
Acceptable Latency field in the Device capabilities register.
000 – Less than 1µs
001 – 1 µs up to less than 2 µs
5:3†
L1_LATENCY†
rw
010 – 2 µs up to less than 4 µs
011 – 4 µs up to less than 8 µs (default)
100 – 8 µs up to less than 16 µs
101 – 16 µs up to less than 32 µs
110 – 32 µs to 64 µs
111 – more than 64 µs
L0s Maximum Exit Latency. This field is used to program the maximum
acceptable latency when exiting the L0s state. This is used to set the L0s
Acceptable Latency field in the Device capabilities register.
000 – Less than 64 ns
001 – 64 ns up to less than 128 ns
2:0†
L0s_LATENCY†
rw
010 – 128 ns up to less than 256 ns
011 – 256 ns up to less than 512 ns (default)
100 – 512 ns up to less than 1 µs
101 – 1 µs up to less than 2 µs
110 – 2 µs to 4 µs
111 – more than 4 µs
4.64 USB Control Register
This register is a read/write register is used to control USB settings in the TUSB73X0. This register is
reset by a PCI Express reset (PERST#), a GRST#, or the internally-generated power-on reset.
PCI register offset: E0h
Register type:Read/Write
Default value: 0000 0000h
Copyright © 2011–2012, Texas Instruments Incorporated
CLASSIC PCI CONFIGURATION SPACE
59
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com