Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 37Page - Texas Instruments TUSB7320 Datasheet HTML 38Page - Texas Instruments TUSB7320 Datasheet HTML 39Page - Texas Instruments TUSB7320 Datasheet HTML 40Page - Texas Instruments TUSB7320 Datasheet HTML 41Page - Texas Instruments TUSB7320 Datasheet HTML 42Page - Texas Instruments TUSB7320 Datasheet HTML 43Page - Texas Instruments TUSB7320 Datasheet HTML 44Page - Texas Instruments TUSB7320 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 115 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76J – MARCH 2011 – REVISED MAY 2012
Table 4-40. MSI Message Control Register Description
Bit
Field Name
Access
Description
15:8
RSVD
r
Reserved. Returns zeros when read.
Per-vector Masking Capable. This bit is read only 0 indicating that the
8
PVM_CAP
r
TUSB73X0 does not support per-vector masking.
64 Bit Message Capability. This bit is read only 1 indicating that the
7
64CAP
r
TUSB73X0 supports 64 bit MSI message addressing.
Multiple Message Enable. This bit indicates the number of distinct
messages that the TUSB73X0 is allowed to generate.
000 – 1 Message (All interrupters mapped to the same message)
001 – 2 Messages (Interrupters 0, 2, 4, and 6 mapped to message 0 and
Interrupters 1, 3, 5, and 7 mapped to message 1)
010 – 4 Messages (Interrupters 0 and 4 mapped to message 0,
6:4
MM_EN
rw
Interrupters 1 and 5 mapped to message 1, Interrupters 2 and 6 mapped
to message 2, Interrupters 3 and 7 mapped to message 3)
011 – 8 Messages (Interrupter # mapped to corresponding message #)
100 – 16 Messages (Interrupter # mapped to corresponding message #)
101 – 32 Messages (Interrupter # mapped to corresponding message #)
110 – Reserved111 – Reserved
Multiple Message Capabilities. This field indicates the number of distinct
3:1
MM_CAP
r
messages that TUSB73X0 is capable of generating. This field is read
only ‘011’ indicating that the TUSB73X0 can signal 8 distinct messages.
MSI Enable. This bit is used to enable MSI interrupt signaling. MSI
signaling must be enabled by software for the TUSB73X0 to signal an
0
MSI_EN
rw
MSI
0 – MSI signaling is prohibited
1 – MSI signaling is enabled
4.31 MSI Lower Message Address Register
This register contains the lower 32 bits of the address that a MSI message is written to when an interrupt
is to be signaled.
PCI register offset: 4Ch
Register type:Read/Write
Default value: 0000 0000h
Table 4-41. PCI Register 4Ch
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Table 4-42. MSI Lower Message Address Register Description
Bit
Field Name
Access
Description
31:2
ADDRESS
rw
System Specified Message Address
1:0
RSVD
r
Reserved. Return zeros when read.
Copyright © 2011–2012, Texas Instruments Incorporated
CLASSIC PCI CONFIGURATION SPACE
41
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com