Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 106 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 106 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 102Page - Texas Instruments TUSB7320 Datasheet HTML 103Page - Texas Instruments TUSB7320 Datasheet HTML 104Page - Texas Instruments TUSB7320 Datasheet HTML 105Page - Texas Instruments TUSB7320 Datasheet HTML 106Page - Texas Instruments TUSB7320 Datasheet HTML 107Page - Texas Instruments TUSB7320 Datasheet HTML 108Page - Texas Instruments TUSB7320 Datasheet HTML 109Page - Texas Instruments TUSB7320 Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 115 page
background image
TUSB7320, TUSB7340
SLLSE76J – MARCH 2011 – REVISED MAY 2012
www.ti.com
11
ELECTRICAL CHARACTERISTICS
See the PCIe and USB specifications refered to in Section 2.2 for the electrical characteristics of those
interfaces.
11.1 ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VDD33
-0.5 to 3.6
V
VDDA_3P3
Supply voltage range
-0.5 to 3.6
V
VDD11
-0.3 to 1.4
V
PCI Express (RX)
0 to 1.2
V
PCI Express REFCLK (single-ended)
-0.5 to VDD33 + 0.5
V
VI
Input voltage range
REFCLK (differential)
-0.3 to 1.15
V
Miscellaneous 3.3 V IO
-0.5 to VDD33 + 0.5
V
PCI Express (TX)
0.8 to 1.2
V
VO
Output voltage range
Miscellaneous 3.3 V IO
-0.5 to VDD33 + 0.5
V
HBM Human-Body ESD Rating
R = 1.5 k
Ω, C = 100 pF
1500
VESD
V
Charged-Device Model ESD Rating
500
Tstg
Storage temperature range
-65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
11.2 RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VDD33
3
3.3
3.6
V
VDDA_3P3
Supply voltage range
3
3.3
3.6
VDD11(1)
0.99
1.1
1.21
V
TA
Operating free-air temperature range
0
70
°C
TJ
Operating junction temperature range
0
105
°C
(1)
A 1.05-V supply may be used as long as minimum supply conditions are met.
106
ELECTRICAL CHARACTERISTICS
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com