Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 102 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 102 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 98Page - Texas Instruments TUSB7320 Datasheet HTML 99Page - Texas Instruments TUSB7320 Datasheet HTML 100Page - Texas Instruments TUSB7320 Datasheet HTML 101Page - Texas Instruments TUSB7320 Datasheet HTML 102Page - Texas Instruments TUSB7320 Datasheet HTML 103Page - Texas Instruments TUSB7320 Datasheet HTML 104Page - Texas Instruments TUSB7320 Datasheet HTML 105Page - Texas Instruments TUSB7320 Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 115 page
background image
TUSB7320, TUSB7340
SLLSE76J – MARCH 2011 – REVISED MAY 2012
www.ti.com
9.2
External clock
When using an external clock source, the reference clock should have a ±100 PPM or better frequency
stability and have less than 50-ps absolute peak to peak jitter or less than 25-ps peak to peak jitter after
applying the USB 3.0 jitter transfer function. XI should be tied to the clock source and XO should be left
floating. The input clock must be 1.8-V LVCMOS; this input is not 3.3-V tolerant.
Table 9-1. Input Clock Specification
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Frequency Tolerance
Operational Temperature
±50
ppm
Frequency Stability
1 year aging
±100
ppm
Rise / Fall Time
20% - 80%
6
ns
Reference Clock RJ with
0.8
ps
JTF (1 sigma)(1)(2)
Reference Clock TJ with
25
ps
JTF (total p-p)(2)(3)
Reference Clock Jitter
50
ps
(absolute p-p)(4)
(1)
Sigma value assuming Gaussian distribution.
(2)
After application of JTF.
(3)
Calculated as 14.1 x RJ+DJ
(4)
Absolute phase jitter (p-p)
Table 9-2. Input Clock 1.8-V DC Characteristics
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
VIH
High-level input voltage
0.65 VDDS
V
VIL
Low-level input voltage
0.35 VDDS
V
IO = -2 mA, VDDS = 1.62 to 1.98 V,
VDDS-0.45
driver enabled, pullup or pulldown disabled
VOH
V
IO = -2 mA, VDDS = 1.4 to 1.6 V,
0.75 VDDS
driver enabled, pullup or pulldown disabled
IO = 2 mA, driver enabled, VDDS = 1.62 to 1.98 V,
0.45
pullup or pulldown disabled
VOL
V
IO = 2 mA, VDDS = 1.4 to 1.6 V,
0.25 VDDS
driver enabled, pullup or pulldown disabled
9.3
External crystal
An external 2-M
Ω feedback resistor is required between XI and XO when using a crystal. See the table
below for additional crystal specifications.
Table 9-3. Crystal Specification
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
Frequency Tolerance
Operational Temperature
±50
ppm
Frequency Stability
1 year aging
±100
ppm
Load Capacitance
12
24
pF
ESR
50
Ω
102
INPUT CLOCK
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com