Electronic Components Datasheet Search
  English  ▼

X  

TUSB7320 Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7320
Description  USB 3.0 xHCI HOST CONTROLLER
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7320 Datasheet(HTML) 101 Page - Texas Instruments

Back Button TUSB7320 Datasheet HTML 97Page - Texas Instruments TUSB7320 Datasheet HTML 98Page - Texas Instruments TUSB7320 Datasheet HTML 99Page - Texas Instruments TUSB7320 Datasheet HTML 100Page - Texas Instruments TUSB7320 Datasheet HTML 101Page - Texas Instruments TUSB7320 Datasheet HTML 102Page - Texas Instruments TUSB7320 Datasheet HTML 103Page - Texas Instruments TUSB7320 Datasheet HTML 104Page - Texas Instruments TUSB7320 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 115 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76J – MARCH 2011 – REVISED MAY 2012
9
INPUT CLOCK
9.1
Clock Source Requirements
The TUSB73x0 supports an external oscillator source or a crystal unit. The frequency of the clock source
may be 20 MHz – 50 MHz. The FREQSEL pin is used to indicate the oscillator input frequency. If the
FREQSEL pin is pulled low, the oscillator input frequency is 48 MHz. If the FREQSEL pin is pulled high,
the value in the PLL_FREQ_SEL field controls the selected frequency. After the PLL_FREQ_SEL field is
set appropriately the FREQ_SEL_EN bit should be set. When the FREQ_SEL_EN bit is set high, the
oscillator is restarted with the PLL multiplier value and the oscillator frequency controls set according to
the value specified in the PLL_FREQ_SEL field. The register values may be programmed via EEPROM or
PCI Express access; refer to Table 4-100. Note: When FREQSEL is pulled high, system software should
ensure that the MEMORY_ENB and MASTER_ENB bits in the Command Register are not set until after
the PLL_FREQ_SEL and FREQ_SEL_EN bits are set appropriately. This will guarantee that the xHCI
memory mapped registers cannot be accessed until the USB clocks are stable at the specified frequency,
since accesses to the xHCI memory mapped register space are retried until the frequency change has
completed. If a clock is provided to XI instead of a crystal, XO is left open and VSSOSC should be
connected to the PCB ground plane. Otherwise, if a crystal is used, the connection needs to follow the
guidelines below.
Since XI and XO are coupled to other leads and supplies on the PCB, it is important to keep them as short
as possible and away from any switching leads. It is also recommended to minimize the capacitance
between XI and XO. This can be accomplished by connecting the VSSOSC lead to the two external
capacitors CL1 and CL2 and shielding them with the clean ground lines. The VSSOSC should not be
connected to PCB ground when using a crystal.
Load capacitance (Cload) of the crystal varying with the crystal vendors is the total capacitance value of
the entire oscillation circuit system as seen from the crystal. It includes two external capacitors CL1 and
CL2.
Figure 9-1. Oscillation Circuit
Copyright © 2011–2012, Texas Instruments Incorporated
INPUT CLOCK
101
Submit Documentation Feedback
Product Folder Link(s): TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com