Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 29Page - Texas Instruments TLK10232 Datasheet HTML 30Page - Texas Instruments TLK10232 Datasheet HTML 31Page - Texas Instruments TLK10232 Datasheet HTML 32Page - Texas Instruments TLK10232 Datasheet HTML 33Page - Texas Instruments TLK10232 Datasheet HTML 34Page - Texas Instruments TLK10232 Datasheet HTML 35Page - Texas Instruments TLK10232 Datasheet HTML 36Page - Texas Instruments TLK10232 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 102 page
background image
TLK10232
www.ti.com
SLLSEE1 – MAY 2013
The latency measurement does not include the low speed side transmit SERDES contribution as well as
part of the channel synchronization block. The latency introduced by those two is up to (18 + 10) x N high
speed side unit intervals (UIs), where N = 2, 4 is the multiplex factor. The latency measurement also
doesn’t account for the low speed side receive SERDES contribution which is estimated to be up to 20 x N
high speed side UIs.
The latency measurement accuracy in all cases is equal to plus or minus one latency measurement clock
period. The measurement clock can be divided down if a longer duration measurement is required, in
which case the accuracy of the measurement is accordingly reduced. The high speed latency
measurement clock is divided by either 1, 2, 4, or 8 via register settings. The measurement clock used is
always selected by the channel under test. The high speed latency measurement clock may only be used
when operating at one of the serial rates specified in the CPRI/OBSAI specifications. It is also possible to
run the latency measurement function off of the recovered byte clock for the channel under test (giving a
latency measurement clock frequency equal to the serial bit rate divided by 20).
The accuracy for the standard based CPRI/OBSAI application rates is shown in Table 7-1, and assumes
the latency measurement clock is not divided down per user selection (division is required to measure a
duration greater than 682us). For each division of 2 in the measurement clock, the accuracy is also
reduced by a factor of two.
Table 7-1. CPRI/OBSAI Latency Measurement Function Accuracy (Undivided
Measurement Clock)
LATENCY CLOCK
LINE RATE
ACCURACY
RATE
FREQUENCY
(Gbps)
(± ns)
(GHz)
1.2288
Eighth
1.2288
0.8138
1.536
Quarter
0.768
1.302
2.4576
Quarter
1.2288
0.8138
3.072
Half
0.768
1.302
3.84
Half
0.96
1.0417
4.9152
Half
1.2288
0.8138
6.144
Full
0.768
1.302
7.68
Full
0.96
1.0417
9.8304
Full
1.2288
0.8138
7.5
Power Down Mode
The TLK10232 can be put in power down either through device input pins or through MDIO control
register 1E.0001.
•
PDTRXA_N: Active low, powers down channel A.
•
PDTRXB_N: Active low, powers down channel B.
Copyright © 2013, Texas Instruments Incorporated
ADDITIONAL FEATURES
33
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com