Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 19Page - Texas Instruments TLK10232 Datasheet HTML 20Page - Texas Instruments TLK10232 Datasheet HTML 21Page - Texas Instruments TLK10232 Datasheet HTML 22Page - Texas Instruments TLK10232 Datasheet HTML 23Page - Texas Instruments TLK10232 Datasheet HTML 24Page - Texas Instruments TLK10232 Datasheet HTML 25Page - Texas Instruments TLK10232 Datasheet HTML 26Page - Texas Instruments TLK10232 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 102 page
background image
TLK10232
LAS
Lane Alignment Slave
Lane
Align
10B
à8B
10B
à8B
10B
à8B
10B
à8B
10B
ß 8B
10B
ß 8B
10B
ß 8B
10B
ß 8B
LAM
Lane
Alignment
Master
Link Partner Device
LAS
Lane Alignment Slave
Low
Speed
Side
SERDES
Channel A
(4 RX/ 4 TX)
CH
SYNC
Lane
Align
LAM
Lane
Alignment
Master
LS _OK _ OUT _A
LS _OK _IN_A
OUTA[3:0]P/N
INA[3:0]P/N
8B
à
8B
à
8B
à
8B
à
10B
10B
10B
10B
8B
ß
8B
ß
8B
ß
8B
ß
10B
10B
10B
10B
Low
Speed
Side
SERDES
Channel A
(4 RX/ 4 TX)
CH
SYNC
CH
SYNC
CH
SYNC
CH
SYNC
CH
SYNC
CH
SYNC
CH
SYNC
TLK10232
www.ti.com
SLLSEE1 – MAY 2013
Figure 5-2. Block Diagram of the Lane Alignment Scheme
5.6
Lane Alignment Components
•
Lane Alignment Master (LAM)
–
Responsible for generating proprietary LS lane alignment initialization pattern
–
Resides in the TLK10232 receive path (one instance per channel)
•
Responsible for bringing up LS receive link for the data sent from the TLK10232 to a link partner
device
•
Monitors the LS_OK_IN pins for “Link Status OK” signals sent from the Lane Alignment Slave
(LAS) of the link partner device
–
Resides in the link partner device (one instance per channel)
•
Responsible for bringing up LS transmit link for the data sent from the link partner device to the
TLK10232
•
Monitors the “Link Status OK” signals sent from the LS_OK_OUT pins of the Lane Alignment
Slave (LAS) of the TLK10232
•
Lane Alignment Slave (LAS)
–
Responsible for monitoring the LS lane alignment initialization pattern
–
Performs channel synchronization per lane (2 or 4 lanes) through byte rotation
–
Performs lane alignment and realignment of bytes across lanes
–
Resides in the TLK10232 transmit path (one instance per channel)
•
Generates the “Link Status OK” signal for the LAM on the link partner device
–
Resides in the link partner device (one instance per channel)
•
Generates the “Link Status OK” signal for the LAM on the TLK10232 device.
Reference code from Texas Instruments is available for the LAM and LAS modules for easy integration
into FPGAs.
5.7
Lane Alignment Operation
During lane alignment, the LAM sends a repeating pattern of 49 characters (control + data) simultaneously
across all enabled LS lanes. These simultaneous streams are then encoded by 8B/10B encoders in
parallel. The proprietary lane alignment pattern consists of the following characters:
/K28.5/ (CTL=1, Data=0xBC)
Copyright © 2013, Texas Instruments Incorporated
GENERAL PURPOSE (10G) SERDES MODE FUNCTIONAL
23
DESCRIPTION
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com