Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 52 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 48Page - Texas Instruments TLK10232 Datasheet HTML 49Page - Texas Instruments TLK10232 Datasheet HTML 50Page - Texas Instruments TLK10232 Datasheet HTML 51Page - Texas Instruments TLK10232 Datasheet HTML 52Page - Texas Instruments TLK10232 Datasheet HTML 53Page - Texas Instruments TLK10232 Datasheet HTML 54Page - Texas Instruments TLK10232 Datasheet HTML 55Page - Texas Instruments TLK10232 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 102 page
background image
TLK10232
SLLSEE1 – MAY 2013
www.ti.com
Table 8-22. LOOPBACK_TP_CONTROL (continued)
Device Address: 0x1E SPACER Register Address:0x000B SPACER Default:0x0D10
Bit(s)
Name
Description
Access
DEEP_REMOTE_LPBK
0 = Normal functional mode (Default 1’b0)
3
RW
(RXG)
1 = Enable deep remote loopback mode
2
RESERVED
For TI use only (Default 1’b0)
RW
1
RESERVED
For TI use only (Default 1’b0)
RW
SHALLOW_LOCAL_LPBK
0 = Normal functional mode (Default 1’b0)
0
RW
(RXG)
1 = Enable shallow local loopback mode
Table 8-23. LS_CONFIG_CONTROL
Device Address: 0x1E SPACERRegister Address:0x000C SPACER Default:0x0330
Bit(s)
Name
Description
Access
15:14
RESERVED
For TI use only (Default 2’b00)
RW
13:12
LS_STATUS_CFG[1:0]
Selects selected lane status to be reflected in LS_STATUS_1 register
RW
(RG)
1E.0015 bit 14
00 = Lane 0 (Default 2’b00)
01 = Lane 1
10 = Lane 2
11 = Lane 3
11:10
RESERVED
For TI use only. Always reads 0.
RW
9:8
RESERVED
For TI use only. (Default 2’b11)
RW
7:6
RESERVED
For TI use only.
RO
5
LS_LOS_MASK
0 = LS Serdes LOS status of enabled lanes is used to generate link status
RW
(G)
1 = LS Serdes LOS status of enabled lanes is not used to generate link status
(Default 1’b1)
4
LS_PLL_LOCK_MASK
0 = LS Serdes PLL Lock status is used to generate link status
RW
(G)
1 = LS Serdes PLL Lock status is not used to generate link status (Default
1’b1)
3
RESERVED
For TI use only. Always reads 0.
RW
2
FORCE_LM_REALIGN
0 = Normal operation (Default 1’b0)
RW/SC
(G)
1 = Force lane realignment in Link status monitor
1:0
RESERVED
For TI use only
RO
Table 8-24. CLK_CONTROL(1)
Device Address: 0x1E SPACER Register Address:0x000D SPACER Default: 0x2F80
Bit(s)
Name
Description
Access
15:14
RESERVED
For TI use only. Always reads 0.
RW
13
CLKOUT_ EN
Output clock enable.
RW
(RXG)
0 = Holds CLKOUTx_P/N output to a fixed value.
1 = Allows CLKOUTx_P/N output to toggle normally. (Default 1’b1)
12
CLKOUT_POWERDOWN
0 = Normal operation (Default 1’b0)
RW
(RXG)
1 = Enable CLKOUTx_P/N Power Down.
11:8
RESERVED
For TI use only. (Default 4'b1111)
RW
(1)
This register is channel independent.
52
DEVICE REGISTERS
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com