Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 18Page - Texas Instruments TLK10232 Datasheet HTML 19Page - Texas Instruments TLK10232 Datasheet HTML 20Page - Texas Instruments TLK10232 Datasheet HTML 21Page - Texas Instruments TLK10232 Datasheet HTML 22Page - Texas Instruments TLK10232 Datasheet HTML 23Page - Texas Instruments TLK10232 Datasheet HTML 24Page - Texas Instruments TLK10232 Datasheet HTML 25Page - Texas Instruments TLK10232 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 102 page
background image
TLK10232
SLLSEE1 – MAY 2013
www.ti.com
5.3
Channel Synchronization
As in the 10GBASE-KR mode, the channel synchronization block is used in the 10G General Purpose
SERDES mode to align received serial data to a defined byte boundary. The channel synchronization
block detects the comma pattern found in the K28.5 character, and follows the synchronization flowchart
shown in Figure 3-2.
5.4
8B/10B Encoder and Decoder
As in the 10GBASE-KR and 1GBASE-KX modes, the 8B/10B encoder and decoder blocks are used to
convert between 10-bit (encoded) and 8-bit (unencoded) data words.
5.5
Lane Alignment Scheme for 8b/10b General Purpose Serdes Mode
Lower rate multi-lane serial signals per channel must be byte aligned and lane aligned such that high
speed multiplexing (proper reconstruction of higher rate signal) is possible. For that reason, the TLK10232
implements a special lane alignment scheme on the low speed (LS) side for 8b/10b data that does not
contain XAUI alignment characters.
During lane alignment, a proprietary pattern (or a custom comma compliant data stream) is sent by the LS
transmitter to the LS receiver on each active lane. This pattern allows the LS receiver to both delineate
byte boundaries within a lower speed lane and align bytes across the lanes (2 or 4) such that the original
higher rate data ordering is restored.
Lane alignment completes successfully when the LS receiver asserts a “Link Status OK” signal monitored
by the LS transmitter on the link partner device such as an FPGA. The TLK10232 sends out the “Link
Status OK” signals through the LS_OK_OUT_A/B output pins, and monitors the “Link Status OK” signals
from the link partner device through the LS_OK_IN_A/B input pins. If the link partner device does not need
the TLK10232 Lane Alignment Master (LAM) to send proprietary lane alignment pattern, LS_OK_IN_A/B
can be tied high on the application board or set through MDIO register bits.
The lane alignment scheme is activated under any of the following conditions:
•
Device/System power up (after configuration/provisioning)
•
Loss of channel synchronization assertion on any enabled LS lane
•
Loss of signal assertion on any enabled LS lane
•
LS SERDES PLL Lock indication deassertion
•
After device configuration change
•
After software determined LS 8B/10B decoder error rate threshold exceeded
•
After device reset is deasserted
•
Any time the LS receiver deasserts “Link Status OK”.
•
Presence of reoccurring higher level / protocol framing errors
All the above conditions are selectable through MDIO register provisioning.
The block diagram of the lane alignment scheme is shown in Figure 5-2.
22
GENERAL PURPOSE (10G) SERDES MODE FUNCTIONAL
Copyright © 2013, Texas Instruments Incorporated
DESCRIPTION
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com