Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 3Page - Texas Instruments TLK10232 Datasheet HTML 4Page - Texas Instruments TLK10232 Datasheet HTML 5Page - Texas Instruments TLK10232 Datasheet HTML 6Page - Texas Instruments TLK10232 Datasheet HTML 7Page - Texas Instruments TLK10232 Datasheet HTML 8Page - Texas Instruments TLK10232 Datasheet HTML 9Page - Texas Instruments TLK10232 Datasheet HTML 10Page - Texas Instruments TLK10232 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 102 page
background image
TLK10232
www.ti.com
SLLSEE1 – MAY 2013
Table 2-1. Pin Description - Signal Pins (continued)
TERMINAL
DIRECTION
TYPE
DESCRIPTION
SIGNAL
BGA
SUPPLY
Channel B Receive Loss Of Signal (LOS) Indicator.
LOSB=0: Signal detected.
LOSB=1: Loss of signal.
Loss of signal detection is based on the input signal level.
When HSRXBP/N has a differential input signal swing of
≤75 mVpp, LOSB will be asserted
(if enabled). If the input signal is greater than 150 mVp-p, LOS will be deasserted. Outside
Output
of these ranges, the LOS indication is undefined.
LOSB
K8
LVCMOS 1.5V/1.8V
Other functions can be observed on LOSB real-time, configured via MDIO
VDDO1 40
Ω Driver
During device reset (RESET_N asserted low) this pin is driven low. During pin based
power down (PDTRXB_N asserted low), this pin is floating. During register based power
down, this pin is floating.
It is highly recommended that LOSB be brought to easily accessible point on the
application board (header), in the event that debug is required.
Channel B Receive Lane Alignment Status Indicator. Lane alignment status signal
Input
received from a Lane Alignment Slave on the link partner device. Valid in 10G General
LS_OK_IN_B
L8
LVCMOS 1.5V/1.8V
Purpose Serdes Mode.
VDDO0
LS_OK_IN_B=0: Channel B Receive lanes not aligned.
LS_OK_IN_B=1: Channel B Receive lanes aligned
Channel B Transmit Lane Alignment Status Indicator. Lane alignment status signal
Output
sent to a Lane Alignment Master on the link partner device. Valid in 10G General Purpose
LS_OK_OUT_B
H9
LVCMOS 1.5V/1.8V
Serdes Mode.
VDDO0 40
Ω Driver
LS_OK_OUT_B=0: Channel B Transmit lanes not aligned.
LS_OK_OUT_B=1: Channel B Transmit lanes aligned.
Input
Transceiver Power Down. When this pin is held low (asserted), Channel B is placed in
PDTRXB_N
J4
LVCMOS
power down mode. When deasserted, Channel B operates normally. After deassertion, a
1.5V/1.8V VDDO1
software data path reset should be issued through the MDIO interface.
REFERENCE CLOCKS, OUTPUT CLOCKS, AND CONTROL AND MONITORING SIGNALS
Reference Clock Input Zero. This differential input is a clock signal used as a reference
Input
M10
to channels A or B. The reference clock selection is done through MDIO. This input signal
REFCLK0P/N
LVDS/ LVPECL
M11
must be AC coupled. If unused, REFCLK0P/N should be pulled down to GND through a
DVDD
shared 100
Ω resistor.
Reference Clock Input One. This differential input is a clock signal used as a reference
Input
K9
to channels A or B. The reference clock selection is done through MDIO. This input signal
REFCLK1P/N
LVDS/ LVPECL
K10
must be AC coupled. If unused, REFCLK1P/N should be pulled down to GND through a
DVDD
shared 100
Ω resistor.
Channel A/B Output Clock. By default, these outputs are enabled and output the high
speed side Channel A recovered byte clock (high speed line rate divided by 16 or 20).
Optionally, they can be configured to output the VCO clock divided by 2. (Note: for full
rates, VCO/2 pre-divided clocks will be equivalent to the line rate divided by 8; for sub-
Output
CLKOUTAP/N
C9/C10
rates, VCO/2 pre-divided clocks will be equivalent to the line rate divided by 4).
CML
CLKOUTBP/N
A9/A10
DVDD
These CML outputs must be AC coupled.
During device reset (RESET_N asserted low), pin-based power down (PDTRXA_N and
PDTRXB_N asserted low), or register-based power down, these pins are floating.
Enable PRBS: When this pin is asserted high, the internal PRBS generator and verifier
circuits are enabled on both transmit and receive data paths on high speed and low speed
Input
sides of both channels.
PRBSEN
B9
LVCMOS 1.5V/1.8V
VDDO0
The PRBS 27-1 pattern is selected by default, and can be changed through MDIO.
Receive PRBS Error Free (Pass) Indicator.
When PRBS test is enabled (PRBSEN=1):
PRBS_PASS=1 indicates that PRBS pattern reception is error free.
PRBS_PASS=0 indicates that a PRBS error is detected. The channel, high speed or low
speed side, and lane (for low speed side) that this signal refers to is chosen through
MDIO.
Output
PRBS_PASS
J9
LVCMOS 1.5V/1.8V
During device reset (RESET_N asserted low) this pin is driven high.
VDDO1 40
Ω Driver
During pin based power down (PDTRXA_N and PDTRXB_N asserted low), this pin is
floating.
During register based power down, this pin is floating.
It is highly recommended that PRBS_PASS be brought to easily accessible point on the
application board (header), in the event that debug is required.
MDIO Select. Used to select Clause 22 (=1) or Clause 45 (=0) operation. Note that
Input
selecting clause 22 will impact mode availability. See MODE_SEL.
ST
M9
LVCMOS 1.5V/1.8V
VDDO[1:0]
A hard or soft reset must be applied after a change of state occurs on this input signal.
Input LVCMOS
Device Operating Mode Select.
MODE_SEL
H10
1.5V/1.8V VDDO[1:0]
Used together with ST pin to select device operating mode. See Table 2-3 for details.
Copyright © 2013, Texas Instruments Incorporated
Physical Characteristics
7
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com