Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 20Page - Texas Instruments TLK10232 Datasheet HTML 21Page - Texas Instruments TLK10232 Datasheet HTML 22Page - Texas Instruments TLK10232 Datasheet HTML 23Page - Texas Instruments TLK10232 Datasheet HTML 24Page - Texas Instruments TLK10232 Datasheet HTML 25Page - Texas Instruments TLK10232 Datasheet HTML 26Page - Texas Instruments TLK10232 Datasheet HTML 27Page - Texas Instruments TLK10232 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 102 page
background image
TLK10232
SLLSEE1 – MAY 2013
www.ti.com
Repeat the following sequence of 12 characters four times:
/D30.5/ (CTL=0, Data=0xBE)
/D23.6/ (CTL=0, Data=0xD7)
/D3.1/ (CTL=0, Data=0x23)
/D7.2/ (CTL=0, Data=0x47)
/D11.3/ (CTL=0, Data=0x6B)
/D15.4/ (CTL=0, Data=0x8F)
/D19.5/ (CTL=0, Data=0xB3)
/D20.0/ (CTL=0, Data=0x14)
/D30.2/ (CTL=0, Data=0x5E)
/D27.7/ (CTL=0, Data=0xFB)
/D21.1/ (CTL=0, Data=0x35)
/D25.2/ (CTL=0, Data=0x59)
The above 49-character sequence is repeated until LS_OK_IN is asserted. Once LS_OK_IN is asserted,
the LAM resumes transmitting traffic received from the high speed side SERDES immediately.
The TLK10232 performs lane alignment across the lanes similar in fashion to the IEEE 802.3-2008 (XAUI)
specification. XAUI only operates across 4 lanes while LAS operates with 2 or 4 lanes. The lane alignment
state machine is shown in Figure 5-3. The TLK10232 uses the comma (K28.5) character for lane to lane
alignment by default, but can be provisioned to use XAUI's /A/ character as well.
Lane alignment checking is not performed by the LAS after lane alignment is achieved. After LAM detects
that the LS_OK_IN signal is asserted, normal system traffic is carried instead of the proprietary lane
alignment pattern.
Channel synchronization is performed during lane alignment and normal system operation.
24
GENERAL PURPOSE (10G) SERDES MODE FUNCTIONAL
Copyright © 2013, Texas Instruments Incorporated
DESCRIPTION
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com