Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 60Page - Texas Instruments TLK10232 Datasheet HTML 61Page - Texas Instruments TLK10232 Datasheet HTML 62Page - Texas Instruments TLK10232 Datasheet HTML 63Page - Texas Instruments TLK10232 Datasheet HTML 64Page - Texas Instruments TLK10232 Datasheet HTML 65Page - Texas Instruments TLK10232 Datasheet HTML 66Page - Texas Instruments TLK10232 Datasheet HTML 67Page - Texas Instruments TLK10232 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 102 page
background image
TLK10232
SLLSEE1 – MAY 2013
www.ti.com
Table 8-55. TRIGGER_LOAD_CONTROL
Device Address: 0x1E SPACER Register Address:0x8100 SPACER Default: 0x0000
Bit(s)
Name
Description
Access
15:11
RESERVED
For TI use only. Always reads 0.
RW
10:3
RESERVED
For TI use only. (Default 8'b00000000)
RW
Valid only when DEFAULT_TX_TRIGGER_EN is HIGH
DEFAULT_TX_LOAD_TRI
1 = Trigger loading default HS TX setting values
2
GGER
0 = Normal operation (Default 1'b0)
RW
(RXG)
This bit needs to be written HIGH and then LOW to load the HS Tx default values.
Applicable when link training is enabled.
1:0
RESERVED
For TI use only. (Default 2'b00)
RW
Table 8-56. TRIGGER_EN_CONTROL
Device Address: 0x1E SPACER Register Address:0x8101 SPACER Default: 0x0000
Bit(s)
Name
Description
Access
15:11
RESERVED
For TI use only. Always reads 0.
RW
10:3
RESERVED
For TI use only. (Default 8'b00000000)
RW
DEFAULT_TX_TRIGGER_
1 = Enable loading of Tx default values through DEFAULT_TX_LOAD_TRIGGER
2
EN
RW
0 = Normal operation (Default 1'b0)
(RXG)
1:0
RESERVED
For TI use only. (Default 2'b00)
RW
8.2
PMA/PMD Registers
The registers below can be accessed only in Clause 45 mode and with device address field set to 0x01
(DA[4:0] = 5’b00001).
NOTE: Link training registers can also be accessed in Clause 22 mode using indirect address method and
in Clause 45 mode with device address field set to 0x1E (DA[4:0] = 5’b11110). Link training registers are
also applicable in 10G and 1GKX modes.
Table 8-57. PMA_CONTROL_1
Device Address: 0x01 SPACER Register Address:0x0000 SPACER Default: 0x0000
Bit(s)
Name
Description
Access
1 = Global reset. Resets datapath and MDIO registers of all channels. Equivalent to
RESET
15
asserting RESET_N.
RW/SC
(RX)
0 = Normal operation (Default 1’b0)
14:12
RESERVED
For TI use only. Always reads 0.
RW
POWERDOWN
1 = Enable power down mode
11
RW
(RX)
0 = Normal operation (Default 1’b0)
10:1
RESERVED
For TI use only. Always reads 0.
RW
1 = Enables loopback on HS side. LS data traverses through entire Tx datapath
LOOPBACK
0
excluding HS serdes and will be available at LS output side
RW
(RX)
0 = Normal operation (Default 1’b0)
Table 8-58. PMA_STATUS_1
Device Address: 0x01 SPACER Register Address:0x0001 SPACER Default: 0x0002
Bit(s)
Name
Description
Access
7
FAULT
1 = Fault condition detected on either Tx or Rx side
RO
(RX)
0 = No fault condition detected
This bit is cleared after Register 01.0008 is read and no fault condition occurs after
01.0008 is read.
2
RX_LINK
1 = Receive link is up
RO/LL
(RX)
0 = Receive link is down
64
DEVICE REGISTERS
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com