Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 1 Page - Texas Instruments

  TLK10232 Datasheet HTML 1Page - Texas Instruments TLK10232 Datasheet HTML 2Page - Texas Instruments TLK10232 Datasheet HTML 3Page - Texas Instruments TLK10232 Datasheet HTML 4Page - Texas Instruments TLK10232 Datasheet HTML 5Page - Texas Instruments TLK10232 Datasheet HTML 6Page - Texas Instruments TLK10232 Datasheet HTML 7Page - Texas Instruments TLK10232 Datasheet HTML 8Page - Texas Instruments TLK10232 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
MDC MDIO
XAUI
CHANNEL A
XAUI
CHANNEL B
10 GBASE- KR
CHANNEL A
10 GBASE- KR
CHANNEL B
XGXS
XGXS
TLK10232
TLK10232
www.ti.com
SLLSEE1 – MAY 2013
DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
Check for Samples: TLK10232
1
Introduction
1.1
Features
1
• Dual Channel Multi-Rate Transceiver
• No Power Supply Sequencing Requirements
• Supports 10GBASE-KR, XAUI, and 1GBASE-KX
• Transmit De-emphasis and Receive Adaptive
Ethernet Standards
Equalization to Allow Extended
Backplane/Cable Reach on Both High Speed
• Supports all CPRI and OBSAI Data Rates up to
and Low Speed Sides
10 Gbps
• Loss of Signal (LOS) Detection
• Supports Multi-Rate SERDES Operation with up
to 10.3125 Gbps Data Rate on the High Speed
• Supports 10G-KR Link Training, Forward Error
Side and up to 5 Gbps on the Low Speed Side
Correction, Auto-Negotiation
• Differential CML I/Os on Both High Speed and
• Jumbo Packet Support
Low Speed Sides
• JTAG; IEEE 1149.1 Test Interface
• Interface to Backplanes, Passive and Active
• Industry Standard MDIO Control Interface
Copper Cables, or SFP+ Optical Modules
• 65nm Advanced CMOS Technology
• Selectable Reference Clock per Channel with
• Industrial Ambient Operating Temperature
Multiple Output Clock Options
(–40°C to 85°C)
• Integrated Crosspoint Switch Allows for
• Power Consumption: 800mW per Channel
Flexible Signal Routing and Redundant
(Nominal)
Outputs
• Device Package: 13mm x 13mm, 144-pin PBGA,
• Supports Data Retime Operation
1-mm Ball-Pitch
• Supports PRBS, CRPAT, CJPAT,
High/Low/Mixed-Frequency Patterns, and KR
Pseudo-Random Pattern Generation and
Verification, Square-Wave Generation
• Two Power Supplies: 1.0V (Core), and 1.5 or
1.8V (I/O)
spacing
1.2
Applications
•
Proprietary Cable/Backplane Links
•
High-Speed Point-to-Point Transmission
•
10GBASE-KR Compliant Backplane Links
Systems
•
10 Gigabit Ethernet Switch, Router, and
Network Interface Cards
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - TLK10232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK10232 TI1-TLK10232 Datasheet
1Mb / 103P
DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
TLK10232CTR TI1-TLK10232CTR Datasheet
1Mb / 102P
DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
TLK10232 TI1-TLK10232_13 Datasheet
1Mb / 102P
DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
TLK10232 TI1-TLK10232_14 Datasheet
1Mb / 103P
DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
More results

Similar Description - TLK10232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK3118 TI-TLK3118 Datasheet
526Kb / 57P
Redundant XAUI Transceiver
TLK3138 TI-TLK3138 Datasheet
765Kb / 61P
Dual XAUI Transceiver
TLK10034 TI1-TLK10034 Datasheet
260Kb / 8P
QUAD-CHANNEL XAUI/10GBASE-KR TRANSCEIVER
logo
Broadcom Corporation.
BCM8727BIFBG BOARDCOM-BCM8727BIFBG Datasheet
129Kb / 2P
DUAL-CHANNEL 10-GBE SFI-TO-XAUI??TRANSCEIVER WITH EDC
logo
Texas Instruments
TLK10232 TI1-TLK10232_14 Datasheet
1Mb / 103P
DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
TLK10034 TI1-TLK10034_15 Datasheet
1Mb / 168P
Quad-Channel XAUI/10GBASE-KR Transceiver
TLK3118 TI1-TLK3118_09 Datasheet
575Kb / 59P
Redundant XAUI Transceiver
TLK10031 TI1-TLK10031 Datasheet
1Mb / 146P
TLK10031 Single-Channel XAUI/10GBASE-KR Transceiver
TLK10232 TI1-TLK10232_13 Datasheet
1Mb / 102P
DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
logo
Keysight Technologies
N8815A KEYSIGHT-N8815A Datasheet
722Kb / 8P
Ininiium 64b/66b 10Gbase-KR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com