Electronic Components Datasheet Search
  English  ▼

X  

TLK10232 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLK10232
Description  DUAL-CHANNEL XAUI/10GBASE-KR TRANSCEIVER WITH CROSSPOINT
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK10232 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLK10232 Datasheet HTML 7Page - Texas Instruments TLK10232 Datasheet HTML 8Page - Texas Instruments TLK10232 Datasheet HTML 9Page - Texas Instruments TLK10232 Datasheet HTML 10Page - Texas Instruments TLK10232 Datasheet HTML 11Page - Texas Instruments TLK10232 Datasheet HTML 12Page - Texas Instruments TLK10232 Datasheet HTML 13Page - Texas Instruments TLK10232 Datasheet HTML 14Page - Texas Instruments TLK10232 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
TLK10232
www.ti.com
SLLSEE1 – MAY 2013
3.2
10GBASE-KR Receive Data Path Overview
In the receive direction, the TLK10232 will take in 64B/66B-encoded serial 10GBASE-KR data on the
HSRX*P/N pins. This data is deserialized by a high speed SERDES, then input to a receive gearbox. After
the gearbox, the data is aligned to 66-bit frames, descrambled, 64B/66B decoded, and then input to the
receive CTC block. After CTC, the data is encoded by four 8B/10B encoders, and the resulting four 10-bit
parallel words are serialized by the low speed SERDES blocks. The four serial XAUI output lanes are
transmitted out the OUT*P/N pins.
3.3
Channel Synchronization Block
When parallel data is clocked into a parallel-to-serial converter, the byte boundary that was associated
with the parallel data is lost in the serialization of the data. When the serial data is received and converted
to parallel format again, a method is needed to be able to recognize the byte boundary again. Generally,
this is accomplished through the use of a synchronization pattern. This is a unique pattern of 1’s and 0’s
that either cannot occur as part of valid data or is a pattern that repeats at defined intervals. 8B/10B
encoding contains a character called the comma (b’0011111’ or b’1100000’) which is used by the comma
detect circuit to align the received serial data back to its original byte boundary. The TLK10232 channel
synchronization block detects the comma pattern found in the K28.5 character, generating a
synchronization signal aligning the data to their 10-bit boundaries for decoding. It is important to note that
the comma can be either a (b’0011111’) or the inverse (b’1100000’) depending on the running disparity.
The TLK10232 decoder will detect both patterns.
The TLK10232 performs channel synchronization per lane as shown in the flowchart of Figure 3-2.
Copyright © 2013, Texas Instruments Incorporated
10GBASE-KR MODE FUNCTIONAL DESCRIPTION
11
Submit Documentation Feedback
Product Folder Links: TLK10232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com